Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISOTMP35RDFPR Datasheet(PDF) 9 Page - Texas Instruments

Part # PISOTMP35RDFPR
Description  ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PISOTMP35RDFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button PISOTMP35RDFPR Datasheet HTML 5Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 6Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 7Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 8Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 9Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 10Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 11Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 12Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Time (
s)
-10
0
10
20
30
40
50
60
70
-0.5
-0.2
0
0
0.5
0.2
1
0.4
1.5
0.6
2
0.8
2.5
1
3
1.2
3.5
1.4
4
1.6
VDD
VOUT
ILOAD = 0µA, CLOAD = 0pF
Figure 5-7. Output vs Settling Time to VDD Step
TSENSE = 25°C to 72°C, TPIN1-6 = 25°C
(2-layer 62-mil rigid PCB, 2oz copper)
Figure 5-8. Thermal Response (Directional)
Time (s)
-2
0
2
4
6
8
10
12
14
16
0
25
50
75
100
125
150
175
T63%  104.0C / 2.06s
T86%  133.1C / 6.06s
VOUT
Air 25°C to Fluid Bath 150°C, 0.5 × 0.5 inch PCB
Figure 5-9. Thermal Response (Air-to-Fluid Bath)
TA = 25°C, ILOAD = 0µA, CLOAD = 0pF
Figure 5-10. Output Impedance vs Frequency
Frequency (Hz)
-100
-80
-60
-40
-20
0
10
100
1k
10k
100k
1M
VDD = 3.3V
VDD = 5.0V
VDD = 12V
TA = 25°C, ILOAD = 0µA, CLOAD = 0pF
Figure 5-11. Power Supply Rejection Ratio vs
Frequency
Frequency (Hz)
10
100
1k
10k
100k
100
1k
10k
VDD = 3.3V
VDD = 5.0V
VDD = 12V
VDD = 24V
VDD = 28V
VDD = 34V
TA = 25°C, ILOAD = 0µA, CLOAD = 0pF
Figure 5-12. Output Noise Density
www.ti.com
ISOTMP35R
SNIS244 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com