Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISOTMP35RDFPR Datasheet(PDF) 8 Page - Texas Instruments

Part # PISOTMP35RDFPR
Description  ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PISOTMP35RDFPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button PISOTMP35RDFPR Datasheet HTML 4Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 5Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 6Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 7Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 8Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 9Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 10Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 11Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
5.10 Typical Characteristics
at TA = 25°C (unless otherwise noted)
VDD = 3.3V, ILOAD = 0µA, CLOAD = 0pF
Figure 5-1. Accuracy vs Ambient Temperature
Ambient Te mperature, TA (C)
-50
-25
0
25
50
75
100
125
150
0
0.5
1
1.5
2
2.5
VDD = 3 to 34V, ILOAD = 0µA, CLOAD = 0pF
Figure 5-2. VOUT vs Ambient Temperature
Ambient Te mperature, TA (C)
-50
-25
0
25
50
75
100
125
150
10
20
30
40
50
60
70
80
90
100
110
VDD = 3.3V
VDD = 5.0V
VDD = 10V
VDD = 20V
VDD = 30V
VDD = 34V
ILOAD = 0µA, CLOAD = 0pF
Figure 5-3. Supply Current vs Ambient
Temperature
Ambient Te mperature, TA (C)
-50
-25
0
25
50
75
100
125
150
-20
-2
-15
-1.5
-10
-1
-5
-0.5
0
0
5
0.5
10
1
15
1.5
20
2
VDD = 3.3V
ILOAD = 10A
ILOAD = 20A
ILOAD = 40A
ILOAD = 60A
ILOAD = 80A
ILOAD = 100A
VDD = 3.3V, CLOAD = 0pF
Figure 5-4. Load Regulation vs Ambient
Temperature
Load Current, ILOAD (A)
0
10
20
30
40
50
60
70
80
90
100
-10
-8
-6
-4
-2
0
2
VDD = 3.3V
VDD = 5.0V
VDD = 12V
VDD = 24V
VDD = 28V
VDD = 34V
TA = 25°C, CLOAD = 0pF
Figure 5-5. Output Voltage vs Load Current
Ambient Te mperature, TA (C)
-50
-25
0
25
50
75
100
125
150
-0.1
-0.075
-0.05
-0.025
0
0.025
0.05
0.075
0.1
VDD = 3 to 34V, ILOAD = 0µA, CLOAD = 0pF
Figure 5-6. Line Regulation (Δ°C / ΔVDD) vs
Ambient Temperature
ISOTMP35R
SNIS244 – SEPTEMBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com