Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISOTMP35RDFPR Datasheet(PDF) 1 Page - Texas Instruments

Part # PISOTMP35RDFPR
Description  ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PISOTMP35RDFPR Datasheet(HTML) 1 Page - Texas Instruments

  PISOTMP35RDFPR Datasheet HTML 1Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 2Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 3Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 4Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 5Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 6Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 7Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 8Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog
Output and 1.06kVRMS Working Voltage
1 Features
• Robust integrated isolation barrier:
– Withstand isolation voltage: 5kVRMS
– Isolation working voltage: 1.06kVRMS
• Isolation barrier life: >30 years
• Temperature sensor accuracy:
– ±0.5°C typical at 25°C
– ±1.5°C maximum from 0°C to 70°C
– ±2.5°C maximum from –40°C to 150°C
• Operating supply range: 3V to 34V
• Positive slope sensor gain: 10mV/°C
• Sensor offset: 500mV at 0°C
• Fast thermal response: <4s
• Short circuit protected output
• Low power consumption: 45µA (typical)
• DFP (SSOP-12) package
• Safety-related certifications (planned):
– 5kVRMS isolation for 1 minute per UL 1577
2 Applications
• AC charging (pile) station
• DC fast charging station
• Rack and server PSU with 48V output
• Server PSU with 12V output
• Merchant DC/DC
• Merchant telecom rectifier
• Battery backup unit
• Merchant DIN rail power supply
• AC/DC adapter PSU
VOUT
VDD
GND
Thermal Diodes
TSENSE
TSENSE
TSENSE
Heat only
TSENSE
TSENSE
TSENSE
ISOTMP35R
+
–
90
Ω
Functional Block Diagram
3 Description
The ISOTMP35R is the industry’s first reinforced
isolated temperature sensor IC, combining an
integrated isolation barrier, up to 5kVRMS withstand
voltage, with an analog temperature sensor featuring
a 10mV/°C slope from –40°C to 150°C. This
integration enables the sensor to be co-located
with high-voltage heat sources (for example: HV
FETs, IGBTs, or HV contactors) without requiring
expensive isolation circuitry. The direct contact with
the high-voltage heat source also provides greater
accuracy and faster thermal response compared with
approaches where the sensor is placed further away
to meet isolation requirements.
Operating from a non-isolated 3V to 34V supply, the
ISOTMP35R allows easy integration into applications
where subregulated power is not available on the
high-voltage plane.
The best output voltage of the ISOTMP35R ranges
from 100mV to 2V for a –40°C to 150°C temperature
range. The ISOTMP35R does not require any external
calibration or trimming to provide a worst-case
accuracy of ±0.5°C at room temperature and ±2.5°C
over the full –40°C to 150°C temperature range. The
linear output, 500mV offset, and factory calibration of
the ISOTMP35R simplify the circuitry requirements in
a single supply environment where reading negative
temperatures is necessary.
The integrated isolation barrier satisfies UL 1577
requirements. The surface mount package (12-pin
SSOP) provides excellent heat flow from the heat
source to the embedded thermal sensor, minimizing
thermal mass and providing more accurate heat-
source measurement. This reduces the need for time-
consuming thermal modeling and improves system
design margin by reducing mechanical variations due
to manufacturing and assembly.
Packaging Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
ISOTMP35R
DFP (SSOP, 12)
10.3mm × 3.6mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
ISOTMP35R
SNIS244 – SEPTEMBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - PISOTMP35RDFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PISOTMP35REDFPRQ1 TI2-PISOTMP35REDFPRQ1 Datasheet
1Mb / 20P
ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
SEPTEMBER 2025
More results

Similar Description - PISOTMP35RDFPR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
Analog Output Temperature Sensor IC
logo
Texas Instruments
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
LM94022 TI-LM94022_15 Datasheet
1Mb / 28P
1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
Temperature Sensor IC Analog Output
logo
Renesas Technology Corp
HS4101 RENESAS-HS4101 Datasheet
795Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
HS4111 RENESAS-HS4111 Datasheet
802Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
Apr 28, 2022
HS410X RENESAS-HS410X Datasheet
794Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
HS411X RENESAS-HS411X Datasheet
802Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
Apr 28, 2022
logo
Texas Instruments
ISOTMP35-Q1 TI-ISOTMP35-Q1 Datasheet
1Mb / 28P
ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
ISOTMP35 TI-ISOTMP35 Datasheet
1Mb / 28P
ISOTMP35 ±1.2°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com