Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISOTMP35RDFPR Datasheet(PDF) 12 Page - Texas Instruments

Part # PISOTMP35RDFPR
Description  ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PISOTMP35RDFPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button PISOTMP35RDFPR Datasheet HTML 8Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 9Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 10Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 11Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 12Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 13Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 14Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 15Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
The ISOTMP35R device is also evaluated by means of a "directional" temperature response test, where only
the thermally connected, high-voltage pins of the device are exposed to the elevated temperature, while the
remaining low-voltage pins remain in free air at a standard room temperature condition of 25°C. The objective of
this form of thermal response test is to more properly evaluate the thermal conductivity of the device under test,
even though a slight error can persist from the reference temperature.
Figure 6-4. Directional Thermal Response Test
T = TA = 25°C
Additional thermal
gradient from lower
temperature side
T = TTEST
Heat sourced
through 2oz.
Copper plane
ISOTMP35R
This is demonstrated in Figure 6-5, where ISOTMP35R is shown alongside a standard negative temperature
coefficient (NTC) thermistor, as well as the same NTC adhered via non-conductive thermal epoxy to the high
voltage copper, placed at a clearance distance of 8mm from the temperature source. The resulting responses
demonstrate the excellent response time as well as the accuracy of the ISOTMP35R device. The reference
temperature in this test is 75°C.
Time (s)
-4
0
4
8 12 16 20 24 28 32 36 40 44 48 52 56 60
20
25
30
35
40
45
50
55
60
65
70
75
80
ISOTMP35R
NTC with Epoxy
NTC without Epoxy
Figure 6-5. ISOTMP35R Directional Thermal Response
6.4 Device Functional Modes
The singular functional mode of the ISOTMP35R is an analog output directly proportional to temperature.
ISOTMP35R
SNIS244 – SEPTEMBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com