Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISOTMP35RDFPR Datasheet(PDF) 11 Page - Texas Instruments

Part # PISOTMP35RDFPR
Description  ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PISOTMP35RDFPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button PISOTMP35RDFPR Datasheet HTML 7Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 8Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 9Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 10Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 11Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 12Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 13Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 14Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
6.3.2.2 Drive Capability
A class-A output driver provides a maximum output of 100µA to drive capacitive loads up to 220nF, while
sinking less than 1µA. However, for the best accuracy, load current can be minimized to prevent self-heating
contributions to the total error.
6.3.2.3 Common Mode Transient Immunity (CMTI)
CMTI is the capability of the device to tolerate a rising or falling voltage step on the high-voltage pins without
coupling a significant disturbance to the output signal. The ISOTMP35R device is specified for the maximum
common-mode transition rate under which the output signal does not experience a disturbance greater than
200mV lasting longer than 4µs, as shown in Figure 6-2 with a 65.8kV/µs common-mode input step. Higher edge
rates than the specified CMTI can be supported with sufficient blanking time after common-mode transitions.
Time (
s)
-2
0
2
4
6
8
10
12
14
16
-250
-1.2
0
-0.8
250
-0.4
500
0
750
0.4
1000
0.8
1250
1.2
1500
1.6
TA = 25°C, VDD = 5.0V, VCM = 750V, RLOAD = 15k, CLOAD = 100nF
VCM
VOUT
Figure 6-2. Common-Mode Transient Response
6.3.3 Thermal Response
The SSOP-12 package is designed to maximize the heat flow and minimize the thermal response time from the
TSENSE pins to the temperature sensor, while also providing the 5kVRMS isolation rating (UL 1577).
When evaluating thermal response with a thermal contact device, care must be taken to understand the gradient
established by the heat source in the application. Traditionally, most temperature sensors are characterized
on the basis of a "stirred-liquid" thermal response test, which sees the totality of the device submerged into a
circulated oil bath at an elevated temperature, which typically provides the best possible response the device
yields, having all parts of the device held to the secondary temperature for the purposes of establishing a new
thermal equilibrium point. This style of test is visualized in Stirred Liquid Thermal Response Test, and the results
of this test are presented in Thermal Response (Air-to-Fluid Bath).
T = T
A = 25°C
Outside of bath
Figure 6-3. Stirred Liquid Thermal Response Test
www.ti.com
ISOTMP35R
SNIS244 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com