Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISOTMP35RDFPR Datasheet(PDF) 16 Page - Texas Instruments

Part # PISOTMP35RDFPR
Description  ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PISOTMP35RDFPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button PISOTMP35RDFPR Datasheet HTML 12Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 13Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 14Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 15Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 16Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 17Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 18Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 19Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
7.3 Layout
7.3.1 Layout Guidelines
Voltage clearance on the line must be respected. A minimum of two layers is required for the ISOTMP35R
device. Standard layer stacking can be used for a 4-layer PCB where the signal traces can run either on the
top or bottom layer. Solid ground and power plane must form the inner layer. See Figure 7-5 for a depiction of a
plane and trace clearance under the device.
Keep this space free
from planes, traces,
pads and vias
10 mils
Figure 7-5. PCB Cross-Section
7.3.2 Layout Example
Keep space beneath
device free of any planes,
traces, pads and vias
VDD
VOUT
GND
NC
NC
NC
ISOTMP35R
1
2
4
5
6
7
8
9
10
11
12
Heat
High Voltage Heat Source
To ADC Input
To GND Plane
To VDD Plane
Bypass
Capacitor
Filter
Capacitor
Filter Resistor
Load
Capacitor
To GND Plane
3
Figure 7-6. ISOTMP35R Layout Example
8 Device and Documentation Support
TI offers an extensive line of development tools. Tools and software to evaluate the performance of the device,
generate code, and develop solutions are listed below.
ISOTMP35R
SNIS244 – SEPTEMBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com