Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4S201 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPD4S201
Description  TPD4S201 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4S201 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPD4S201 Datasheet HTML 12Page - Texas Instruments TPD4S201 Datasheet HTML 13Page - Texas Instruments TPD4S201 Datasheet HTML 14Page - Texas Instruments TPD4S201 Datasheet HTML 15Page - Texas Instruments TPD4S201 Datasheet HTML 16Page - Texas Instruments TPD4S201 Datasheet HTML 17Page - Texas Instruments TPD4S201 Datasheet HTML 18Page - Texas Instruments TPD4S201 Datasheet HTML 19Page - Texas Instruments TPD4S201 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
The dead battery resistors of the PD controller also need to be present so the PD controller properly boots up in
dead battery operation with the correct voltages on the CC pins.
Once this process has occurred, the TPS25751 can start negotiating with the power adapter through USB PD for
higher power levels, allowing 100W operation in dead battery mode.
For more information on the TPD4S201 dead battery operation, see the CC Dead Battery Resistors Integrated
for Handling the Dead Battery Use Case in Mobile Devices section of the data sheet.
7.2.2.3 CC Line Capacitance
USB PD has a specification for the total amount of capacitance that is required for proper USB PD BMC
operation on the CC lines.
Table 7-2. USB PD cReceiver Specification
NAME
DESCRIPTION
MIN
MAX
UNIT
COMMENT
cReceiver
CC receiver capacitance
200
600
pF
The DFP or UFP system have
capacitance within this range when
not transmitting on the line
When USB PD is in use, keep the capacitance of the CC lines between 200pF and 600pF. The combination
of capacitances added to the system by the TPS25751, the TPD4S201, and any external capacitor need to fall
within these limits.
7.2.2.4 Additional ESD Protection on CC and SBU Lines
If additional IEC ESD protection is desired to be placed on either the CC or SBU lines, it is important that
high-voltage ESD protection diodes be used. The maximum DC voltage sensed on the CC or SBU lines in USB
PD SPR is 21V, with 21.5V allowed during voltage transitions. To prevent the diode from breaking down during a
short-to-VBUS event, use an ESD protection diode that has a reverse stand off voltage higher than 21.5V.
The short-to-VBUS event applies a DC voltage to the CC and SBU pins, do not use a deep-snap-back diode
unless its minimum trigger voltage is above 42V. During a short-to-VBUS event, RLC ringing of up to twice the
settling voltage is exposed to CC and SBU, allowing for up to 42V to be exposed to the CC and SBU lines.
Greater ringing can occur if any capacitor derates on the CC or SBU line. Since this ringing is hard to bound, it is
recommended to not use deep-snap-back diodes. If the deep-snap-back diode triggers during the short-to-VBUS
hot-plug event, it begins to operate in its conduction region. With a 21V VBUS source present on the CC or SBU
line, this allows the diode to conduct indefinitely.
7.2.2.5 FLT Pin Operation
Once a short-to-VBUS occurs on the C_CCx or C_SBUx pins, the FLT pin is asserted in 20µs (typical) to quickly
notify the PD controller. If VBUS is being shorted to CC or SBU, it is recommended to respond to the event by
forcing a detach in the USB PD controller to remove VBUS from the port. The TPD4S201 provides protection
from these shorting events, but does not protect the other device connected through the USB Type-C Cable
or any active circuitry in the cable. Although shutting the VBUS off through a detach does not always stop the
other device or cable from being damaged, it mitigates any high current paths from causing further damage
after the initial damage. Additionally, even if the active cable or other device does have proper protection, the
short-to-VBUS event is capable of corrupting a configuration in an active cable or in the other PD controller, so it
is best to detach and reconfigure the port.
7.2.2.6 How to Connect Unused Pins
If either the RPD_Gx pins are unused in a design, connect them to GND.
TPD4S201
SLVSIF2 – JULY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPD4S201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com