Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4S201 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPD4S201
Description  TPD4S201 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4S201 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPD4S201 Datasheet HTML 7Page - Texas Instruments TPD4S201 Datasheet HTML 8Page - Texas Instruments TPD4S201 Datasheet HTML 9Page - Texas Instruments TPD4S201 Datasheet HTML 10Page - Texas Instruments TPD4S201 Datasheet HTML 11Page - Texas Instruments TPD4S201 Datasheet HTML 12Page - Texas Instruments TPD4S201 Datasheet HTML 13Page - Texas Instruments TPD4S201 Datasheet HTML 14Page - Texas Instruments TPD4S201 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
When a short-to-VBUS event occurs, ringing happens due to the RLC elements in the hot-plug event. Ringing
up to twice the settling voltage appears on the connector if the resistance is low in the RLC circuit. Ringing
of more than twice the DC level is generated if any capacitor on the line derates in capacitance value during
the short-to-VBUS event. This behavior means that more than 38V is seen on a USB Type-C pin during a
short-to-VBUS event. The TPD4S201 has built in circuit protection to handle this ringing. The diode clamps used
for IEC ESD protection also clamp the ringing voltage during the short-to-VBUS event to limit the peak ringing
to approximately 28V. Additionally, the overvoltage protection FETs integrated inside the TPD4S201 are 28V
tolerant, therefore being capable of supporting the high-voltage ringing waveform that is experienced during the
short-to-VBUS event. The TPD4S201 handles short-to-VBUS hot-plug events with hot-plug voltages as high as
21.5VDC because of the well-designed combination of voltage clamps and 28V tolerant OVP FETs.
The TPD4S201 has an extremely fast turnoff time of 70ns typical. Furthermore, additional voltage clamps are
placed after the OVP FET on the system side (CC1, CC2, SBU1, SBU2) pins of the TPD4S201, to further limit
the voltage and current that are exposed to the USB Type-C CC/PD controller during the 70ns interval while the
OVP FET is turning off. The combination of connector side voltage clamps, OVP FETs with extremely fast turnoff
time, and system side voltage clamps all work together to enable the level of stress seen on a CC1, CC2, SBU1,
or SBU2 pin during a short-to-VBUS event to be less than or equal to an HBM event.
The SBU OVP FETs are designed to be able to optionally protect the DP, DM (USB2.0) pins in lieu of the SBU
pins. Some systems designers also prefer to protect the DP, DM pins from short-to-VBUS events due to the
potential for moisture/water in the connector to short the VBUS pins to DP, DM pins. This protection is applicable
in cases where the end equipment with a USB Type-C connector is trying to be made water-proof. If desiring to
protect the DP, DM pins on the USB Type-C connector from a short-to-VBUS event, connect the C_SBUx pins
to the DP, DM pins on the USB Type-C connector, and the SBUx pins to the USB2.0 pins of the system device
being protected from the short-to-VBUS event.
6.3.2 CC1, CC2 Overvoltage Protection FETs 600-mA Capable for Passing VCONN Power
The CC pins on the USB Type-C connector serve many functions; one of the functions is to be a provider of
power to active cables. Active cables are required when desiring to pass greater than 3 A of current on the VBUS
line or when the USB Type-C port uses the super-speed lines (TX1+, TX2–, RX1+, RX1–, TX2+, TX2–, RX2+,
RX2–). When CC is configured to provide power, it is called VCONN. VCONN is a DC voltage source in the
range of 3V to 5.5V. If supporting VCONN, enable the VCONN provider to have the capability to provide 1.5 W
of power to a cable; this translates into a current range of 273mA to 500mA (depending on the VCONN voltage
level).
When a USB Type-C port is configured for VCONN and using the TPD4S201, this VCONN current flows through
the OVP FETs of the TPD4S201. Therefore, the TPD4S201 has been designed to handle these currents and
have an RON low enough to provide a specification compliant VCONN voltage to the active cable.
6.3.3 CC Dead Battery Resistors Integrated for Handling the Dead Battery Use Case in Mobile Devices
An important feature of USB Type-C and USB PD is the ability for this connector to serve as the sole power
source to mobile devices. With support up to 240W, the USB Type-C connector supporting USB PD powers a
whole new range of mobile devices not previously possible with legacy USB connectors.
When the USB Type-C connector is the sole power supply for a battery powered device, enable the device to
charge from the USB Type-C connector even when its battery is dead. In order for a USB Type-C power adapter
to supply power on VBUS, expose RD pulldown resistors on the CC pins. These RD resistors are typically
included inside a USB Type-C CC/PD controller. However, when the TPD4S201 is used to protect the USB
Type-C port, the OVP FETs inside the device isolate these RD resistors in the CC/PD controller when the mobile
device has no power. When the TPD4S201 has no power, the OVP FETs are turned off to provide overvoltage
protection in a dead battery condition. Therefore, the TPD4S201 integrates high-voltage, dead battery RD
pull-down resistors to allow dead battery charging simultaneously with high-voltage OVP protection.
If dead battery support is required, short the RPD_G1 pin to the C_CC1 pin, and short the RPD_G2 pin to the
C_CC2 pin. This short connects the dead battery resistors to the connector CC pins. When the TPD4S201 is
unpowered, and the RP pull-up resistor is connected from a power adapter, this RP pull-up resistor activates
www.ti.com
TPD4S201
SLVSIF2 – JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPD4S201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com