Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4S201 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPD4S201
Description  TPD4S201 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4S201 Datasheet(HTML) 5 Page - Texas Instruments

  TPD4S201 Datasheet HTML 1Page - Texas Instruments TPD4S201 Datasheet HTML 2Page - Texas Instruments TPD4S201 Datasheet HTML 3Page - Texas Instruments TPD4S201 Datasheet HTML 4Page - Texas Instruments TPD4S201 Datasheet HTML 5Page - Texas Instruments TPD4S201 Datasheet HTML 6Page - Texas Instruments TPD4S201 Datasheet HTML 7Page - Texas Instruments TPD4S201 Datasheet HTML 8Page - Texas Instruments TPD4S201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VI
Input voltage
VPWR
-0.3
5
V
RPD_G1, RPD_G2
-0.3
28
V
VO
Output voltage
FLT
-0.3
6
V
VBIAS
-0.3
28
V
VIO
I/O voltage
CC1, CC2, SBU1, SBU2
-0.3
6
V
C_CC1, C_CC2, C_SBU1, C_SBU2
-0.3
28
V
trise
Input voltage rise time (VI > 36V)
CC1, CC2, SBU1, SBU2
400
ns
TJ
Operating junction temperature
-40
125
°C
Tstg
Storage temperature
-65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 ESD Ratings—JEDEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/
JEDEC JS-001
Human-body model (HBM),
per ANSI/ESDA/JEDEC
JS-001
±2000
V
V(ESD)
Electrostatic discharge
Charged-device model (CDM), per JEDEC
specification JESD22-C101
Charged-device model (CDM),
per JEDEC specification
JESD22-C101
±500
V
5.3 ESD Ratings—IEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2, C_CC1, C_CC2
Contact discharge
±8000
V
V(ESD)
Electrostatic discharge
IEC 61000-4-2, C_CC1, C_CC2
Air-gap discharge
±15000
V
V(ESD)
Electrostatic discharge
IEC 61000-4-2, C_SBU1, C_SBU2
Contact discharge
±8000
V
V(ESD)
Electrostatic discharge
IEC 61000-4-2, C_SBU1, C_SBU2
Air-gap discharge
±15000
V
V(Surge)
Lightning and Surge
IEC 61000-4-5, C_CC1, C_CC2
±35
V
IEC 61000-4-5, C_SBU1, C_SBU2
±35
V
5.4 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VI
Input voltage
VPWR
2.7
3.3
4.5
V
VI
Input voltage
RPD_G1, RPD_G2
0
5.5
V
VO
Output voltage
FLT Pull-up resistor power rail
2.7
5.5
V
VIO
I/O voltage
CC1, CC2, C_CC1, C_CC2
0
5.5
V
SBU1, SBU2, C_SBU1, C_SBU2
0
4.3
V
IVCONN
VCONN Current
Current flowing into CC1/2 and flowing out
of C_CC1/2, TJ ≤ 105 ℃
600
mA
IVCONN
VCONN Current
Current flowing into CC1/2 and flowing out
of C_CC1/2, TJ ≤ 85 ℃
1.25
A
TJ
Operating Junction Temperature
-40
125
℃
www.ti.com
TPD4S201
SLVSIF2 – JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPD4S201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com