Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4S201 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPD4S201
Description  TPD4S201 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4S201 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPD4S201 Datasheet HTML 14Page - Texas Instruments TPD4S201 Datasheet HTML 15Page - Texas Instruments TPD4S201 Datasheet HTML 16Page - Texas Instruments TPD4S201 Datasheet HTML 17Page - Texas Instruments TPD4S201 Datasheet HTML 18Page - Texas Instruments TPD4S201 Datasheet HTML 19Page - Texas Instruments TPD4S201 Datasheet HTML 20Page - Texas Instruments TPD4S201 Datasheet HTML 21Page - Texas Instruments TPD4S201 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
7.3 Power Supply Recommendations
The VPWR pin provides power to all the circuitry in the TPD4S201. It is recommended a 1-µF decoupling
capacitor is placed as close as possible to the VPWR pin. If USB PD is desired to be operated in dead battery
conditions, it is critical that the TPD4S201 share the same power supply as the PD controller in dead battery
boot-up (such as sharing the same dead battery LDO). See the CC Dead Battery Resistors Integrated for
Handling the Dead Battery Use Case in Mobile Devices section for more details.
7.4 Layout
7.4.1 Layout Guidelines
Proper routing and placement is important to maintain the signal integrity the SBU and CC line signals. The
following guidelines apply to the TPD4S201:
• Place the bypass capacitors as close as possible to the VPWR pin, and ESD protection capacitor as close
as possible to the VBIAS pin. Attach capacitors to a solid ground to minimize voltage disturbances during
transient events such as short-to-VBUS and ESD strikes.
• Route the SBU lines as straight as possible and minimize any sharp bends.
Standard ESD recommendations apply to the C_CC1, C_CC2, C_SBU1, C_SBU2:
• The optimum placement for the device is as close to the connector as possible:
– EMI during an ESD event couples from the trace being struck to other nearby unprotected traces, resulting
in early system failures.
– The PCB designer minimizes the possibility of EMI coupling by keeping any unprotected traces away from
the protected traces which are between the TPD4S201 and the connector.
• Route the protected traces as straight as possible.
• Eliminate any sharp corners on the protected traces between the TVS and the connector by using rounded
corners with the largest radii possible.
– Electric fields tend to build up on corners, increasing EMI coupling.
7.4.2 Layout Example
Figure 7-6. TPD4S201 Top Layer Routing
Figure 7-7. TPD4S201 Bottom Layer Routing
TPD4S201
SLVSIF2 – JULY 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPD4S201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com