Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4S201 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPD4S201
Description  TPD4S201 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4S201 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPD4S201 Datasheet HTML 5Page - Texas Instruments TPD4S201 Datasheet HTML 6Page - Texas Instruments TPD4S201 Datasheet HTML 7Page - Texas Instruments TPD4S201 Datasheet HTML 8Page - Texas Instruments TPD4S201 Datasheet HTML 9Page - Texas Instruments TPD4S201 Datasheet HTML 10Page - Texas Instruments TPD4S201 Datasheet HTML 11Page - Texas Instruments TPD4S201 Datasheet HTML 12Page - Texas Instruments TPD4S201 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
5.8 Typical Characteristics
1E+05
1E+06
1E+07
1E+08
1E+09
Frequency (Hz)
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
Figure 5-1. SBU Bandwidth
-4E-07
0
4E-07
8E-07
1.2E-06
1.6E-06
Time (s)
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
C_SBU
SBU
Figure 5-2. SBU IEC 61000-4-2 4kV Response Waveform
-4E-07
0
4E-07
8E-07
1.2E-06
1.6E-06
Time (s)
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
C_SBU
SBU
Figure 5-3. SBU IEC 61000-4-2 –4kV Response Waveform
-4E-07
0
4E-07
8E-07
1.2E-06
1.6E-06
2E-06
Time (s)
-60
-40
-20
0
20
40
60
80
100
C_CC
CC
Figure 5-4. CC IEC 61000-4-2 8kV Response Waveform
-4E-07
0
4E-07
8E-07
1.2E-06
1.6E-06
2E-06
Time (s)
-100
-80
-60
-40
-20
0
20
40
60
C_CC
CC
Figure 5-5. CC IEC 61000-4-2 –8kV Response Waveform
www.ti.com
TPD4S201
SLVSIF2 – JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPD4S201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com