Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4S201 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPD4S201
Description  TPD4S201 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4S201 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPD4S201 Datasheet HTML 8Page - Texas Instruments TPD4S201 Datasheet HTML 9Page - Texas Instruments TPD4S201 Datasheet HTML 10Page - Texas Instruments TPD4S201 Datasheet HTML 11Page - Texas Instruments TPD4S201 Datasheet HTML 12Page - Texas Instruments TPD4S201 Datasheet HTML 13Page - Texas Instruments TPD4S201 Datasheet HTML 14Page - Texas Instruments TPD4S201 Datasheet HTML 15Page - Texas Instruments TPD4S201 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
the RD resistor inside the TPD4S201, and enables VBUS to be applied from the power adapter even in a dead
battery condition. Once power is restored back to the system and back to the TPD4S201 on its VPWR pin, the
TPD4S201 turns ON its OVP FETs in 3.5ms and then turns OFF its dead battery RD. The TPD4S201 first turns
ON its CC OVP FETs fully, and then removes its dead battery RDs to make sure the PD controller RD is fully
exposed before removing the RD of the TPD4S201.
If desiring to power the CC/PD controller during dead battery mode and if the CC/PD Controller is configured
as a DRP, it is critical that the TPD4S201 be powered before or at the same time that the CC/PD controller is
powered. It is also critical that when unpowered, the CC/PD controller also expose its dead battery resistors.
When the TPD4S201 gets powered, it exposes the CC pins of the CC/PD controller within 3.5ms, and then
removes its own RD dead battery resistors. Once the TPD4S201 turns on, present the RD pull-down resistors
of the CC/PD controller immediately in order to maintain a connection. If the power adapter does not see RD
present, the VBUS disconnects. This event removes power from the device with its battery still not sufficiently
charged, which consequently removes power from the CC/PD controller and the TPD4S201. Then the RD
resistors of the TPD4S201 are exposed again, and connects the VBUS of the power adapter to start the cycle
over.
If the CC/PD Controller is configured for DRP and has started to DRP toggle before the TPD4S201 turns on, this
DRP toggle is unable to maintain a connection with a power adapter. If the CC/PD controller is configured for
DRP, the dead battery resistors of the PD controller need to be exposed as well, and that the resistors remain
exposed until the TPD4S201 turns on. This behavior is typically accomplished by powering the TPD4S201 at the
same time as the CC/PD controller when powering the CC/PD controller in dead battery operation.
If dead battery charging is not required in your application, connect the RPD_G1 and RPD_G2 pins to ground.
6.4 Device Functional Modes
The Device Mode Table describes all of the functional modes for the TPD4S201. The "X" in the below table
are "don't care" conditions, meaning the value present maintains functional mode and is within the absolute
maximum ratings of the data sheet.
Table 6-1. Device Mode Table
Device Mode Table
Inputs
Outputs
MODE
VPWR
C_CCx
C_SBUx
RPD_Gx
TJ
FLT
CC FETs
SBU FETs
Normal
Operating
Conditions
Unpowered,
no dead
battery
support
<UVLO
X
X
Grounded
X
High-Z
OFF
OFF
Unpowered,
dead battery
support
<UVLO
X
X
Shorted to
C_CCx
X
High-Z
OFF
OFF
Powered on,
SPR mode
>UVLO
<OVP
<OVP
X, forced
OFF
<TSD
High-Z
ON
ON
Fault
Conditions
Thermal
shutdown
>UVLO
X
X
X, forced
OFF
>TSD
Low (Fault
Asserted)
OFF
OFF
CC over
voltage
condition
>UVLO
>OVP
X
X, forced
OFF
<TSD
Low (Fault
Asserted)
OFF
OFF
SBU over
voltage
condition
>UVLO
X
>OVP
X, forced
OFF
<TSD
Low (Fault
Asserted)
OFF
OFF
IEC ESD
generated
over voltage
condition(1)
>UVLO
X
X
RD ON if
RPD_Gx is
shorted to
C_CCx
<TSD
Low (Fault
Asserted)
OFF
OFF
(1)
This row describes the state of the device while still in OVP after the IEC ESD strike which put the device into OVP is over, and the
voltages on the C_CCx and C_SBUx pins have returned to their normal voltage levels.
TPD4S201
SLVSIF2 – JULY 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPD4S201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com