Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4S201 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPD4S201
Description  TPD4S201 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4S201 Datasheet(HTML) 3 Page - Texas Instruments

  TPD4S201 Datasheet HTML 1Page - Texas Instruments TPD4S201 Datasheet HTML 2Page - Texas Instruments TPD4S201 Datasheet HTML 3Page - Texas Instruments TPD4S201 Datasheet HTML 4Page - Texas Instruments TPD4S201 Datasheet HTML 5Page - Texas Instruments TPD4S201 Datasheet HTML 6Page - Texas Instruments TPD4S201 Datasheet HTML 7Page - Texas Instruments TPD4S201 Datasheet HTML 8Page - Texas Instruments TPD4S201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
4 Pin Configuration and Functions
1
C_SBU1
15
SBU1
2
C_SBU2
14
SBU2
3
VBIAS
13
GND
4
C_CC1
12
CC1
5
C_CC2
11
CC2
Not to scale
Thermal
Pad
Figure 4-1. TPD4S201 RUK Package, 20-Pin QFN
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
12
CC1
I/O
System side of the CC1 OVP FET. Connect to either CC pin of the CC/PD controller.
11
CC2
I/O
System side of the CC2 OVP FET. Connect to either CC pin of the CC/PD controller.
4
C_CC1
I/O
Connector side of the CC1 OVP FET. Connect to either CC pin of the USB Type-C
connector.
5
C_CC2
I/O
Connector side of the CC2 OVP FET. Connect to either CC pin of the USB Type-C
connector.
1
C_SBU1
I/O
Connector side of the SBU1 OVP FET. Connect to either SBU pin of the USB Type-C
connector. Alternatively, connect to either USB2.0 pin of the USB Type-C connector to
protect the USB2.0 pins instead of the SBU pins.
2
C_SBU2
I/O
Connector side of the SBU2 OVP FET. Connect to either SBU pin of the USB Type-C
connector. Alternatively, connect to either USB2.0 pin of the USB Type-C connector to
protect the USB2.0 pins instead of the SBU pins.
15
SBU1
I/O
System side of the SBU1 OVP FET. Connect to either SBU pin of the SBU MUX.
Alternatively, connect to either USB2.0 pin of the USB2.0 Phy when protecting the
USB2.0 pins instead of protecting the SBU pins.
14
SBU2
I/O
System side of the SBU2 OVP FET. Connect to either SBU pin of the SBU MUX.
Alternatively, connect to either USB2.0 pin of the USB2.0 Phy when protecting the
USB2.0 pins instead of protecting the SBU pins.
7
RPD_G1
I/O
Short to C_CC1 if dead battery resistors are needed. If dead battery resistors are not
needed, short pin to GND.
6
RPD_G2
I/O
Short to C_CC2 if dead battery resistors are needed. If dead battery resistors are not
needed, short pin to GND.
9
FLT
O
Open drain for fault reporting.
8, 13, 18
GND
GND
Ground
3
VBIAS
P
Pin for ESD support capacitor. Place a 0.1-µF capacitor on this pin to ground.
10
VPWR
P
2.7V to 4.5V power supply.
20
NC
-
No connect, leave floating or grounded
www.ti.com
TPD4S201
SLVSIF2 – JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPD4S201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com