Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4S201 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPD4S201
Description  TPD4S201 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4S201 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPD4S201 Datasheet HTML 4Page - Texas Instruments TPD4S201 Datasheet HTML 5Page - Texas Instruments TPD4S201 Datasheet HTML 6Page - Texas Instruments TPD4S201 Datasheet HTML 7Page - Texas Instruments TPD4S201 Datasheet HTML 8Page - Texas Instruments TPD4S201 Datasheet HTML 9Page - Texas Instruments TPD4S201 Datasheet HTML 10Page - Texas Instruments TPD4S201 Datasheet HTML 11Page - Texas Instruments TPD4S201 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
5.6 Electrical Characteristics (continued)
over operating junction temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TSD_RISING
The rising over-temperature protection
shutdown threshold
150
175
°C
TSD_FALLING
The falling over-temperature protection
shutdown threshold
130
140
°C
TSD_HYST
The over-temperature protection
shutdown threshold hysteresis
35
°C
5.7 Timing Requirements
MIN
NOM
MAX
UNIT
Power-On and Off Timings
tON_FET
Time from Crossing Rising VPWR UVLO until CC and SBU OVP FETs are on.
1.3
3.5
ms
tON_FET_DB
Time from Crossing Rising VPWR UVLO until CC and SBU OVP FETs are on
and the dead battery resistors are off.
5.7
9.5
ms
dVPWR_OFF/dt
Minimum slew rate for CC and FETs turn off during a power off.
-0.5
V/µs
Overvoltage Protection
tOVP_RESPONSE_CC
OVP response time on the CCx pins. Time from OVP asserted until OVP FETs
turn off.
70
ns
tOVP_RESPONSE_SBU
OVP response time on the SBUx pins. Time from OVP asserted until OVP
FETs turn off.
80
ns
tOVP_RECOVERY_CC
OVP recovery time on the CCx pins. Once an OVP has occurred, the minimum
time duration until the CC FETs turn back on. Remove OVP for CC FETs to
turn back on.
0.9
2.3
ms
tOVP_RECOVERY_CC_DB
OVP recovery time on the CCx pins. Once an OVP has occurred, the minimum
time duration until the CC FETs turn back on and the dead battery resistors
turn off. Remove OVP for CC FETs to turn back on.
5
ms
tOVP_RECOVERY_SBU
OVP recovery time on the SBUx pins. Once an OVP has occurred, the
minimum time duration until the SBU FETs turn back on. Remove OVP for
SBU FETs to turn back on.
0.62
ms
tOVP_FLT_ASSERTION
Time from OVP Asserted to /FLT assertion. FLT assertion is 10% of the
maximum value. Set C_CCx or C_SBUx above the maximum OVP threshold.
Start the time where it passes the typical OVP threshold value.
20
µs
tOVP_FLT_DEASSERTION
Time from CC FET turn on after an OVP to FLT deassertion.
5
ms
TPD4S201
SLVSIF2 – JULY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPD4S201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com