Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4S201 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPD4S201
Description  TPD4S201 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4S201 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPD4S201 Datasheet HTML 6Page - Texas Instruments TPD4S201 Datasheet HTML 7Page - Texas Instruments TPD4S201 Datasheet HTML 8Page - Texas Instruments TPD4S201 Datasheet HTML 9Page - Texas Instruments TPD4S201 Datasheet HTML 10Page - Texas Instruments TPD4S201 Datasheet HTML 11Page - Texas Instruments TPD4S201 Datasheet HTML 12Page - Texas Instruments TPD4S201 Datasheet HTML 13Page - Texas Instruments TPD4S201 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
6 Detailed Description
6.1 Overview
The TPD4S201 is a single chip USB Type-C port protector that provides 28V short-to-VBUS overvoltage and
ESD protection. Due to the small pin pitch of the USB Type-C connector and non-compliant USB Type-C cables
and accessories, the VBUS pins short to the CC and SBU pins inside the USB Type-C connector. Because of
this short-to-VBUS event, the CC and SBU pins need to be 28V tolerant, to support protection on the full USB
PD-SPR voltage range. The TPD4S201 integrates four channels of 28V short-to-VBUS overvoltage protection for
the CC1, CC2, SBU1, and SBU2 pins of the USB Type-C connector.
Additionally, IEC 61000-4-2 system level ESD protection is required to protect a USB Type-C port from
ESD strikes generated by end product users. The TPD4S201 integrates four channels of IEC61000-4-2 ESD
protection for the CC1, CC2, SBU1, and SBU2 pins of the USB Type-C connector, providing ESD protection
for all of the low-speed pins on the USB Type-C connector in a single chip. Additionally, high-voltage ESD
protection that is 21.5V DC tolerant is required for the CC and SBU lines to simultaneously support ESD and
short-to-VBUS protection. The TPD4S201 integrates a high-voltage ESD diode designed to work in conjunction
with the overvoltage protection FETs inside the device.
6.2 Functional Block Diagram
Control Logic and
Charge Pumps
Over-voltage
Protection
ESD
Clamps
ESD
Clamps
System
Clamps
System
Clamps
RD
RD
VPWR
SBU1
FLT
SBU2
CC1
CC2
C_SBU1
C_SBU2
C_CC1
C_CC2
VBIAS
RPD_G1
RPD_G2
VPWR
VPWR
6.3 Feature Description
6.3.1 4-Channels of Short-to-VBUS Overvoltage Protection (CC1, CC2, SBU1, SBU2 Pins or CC1, CC2, DP,
DM Pins): 28-VDC Tolerant
The TPD4S201 provides 4-channels of short-to-VBUS Overvoltage Protection for the CC1, CC2, SBU1, and
SBU2 pins (or the CC1, CC2, DP, and DM pins) of the USB Type-C connector. The TPD4S201 is able to
handle 28VDC on its C_CC1, C_CC2, C_SBU1, and C_SBU2 pins. This level of protection is necessary because
according to the USB PD specification, with VBUS set for 20-V operation, the VBUS voltage is allowed to legally
swing up to 21V and 21.2V on voltage transitions from a different USB PD VBUS voltage. The TPD4S201 builds
in tolerance up to 28VBUS to provide margin above this 21.2V specification to support inductive rining that occurs
during a short event.
TPD4S201
SLVSIF2 – JULY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPD4S201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com