Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4S201 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPD4S201
Description  TPD4S201 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4S201 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPD4S201 Datasheet HTML 9Page - Texas Instruments TPD4S201 Datasheet HTML 10Page - Texas Instruments TPD4S201 Datasheet HTML 11Page - Texas Instruments TPD4S201 Datasheet HTML 12Page - Texas Instruments TPD4S201 Datasheet HTML 13Page - Texas Instruments TPD4S201 Datasheet HTML 14Page - Texas Instruments TPD4S201 Datasheet HTML 15Page - Texas Instruments TPD4S201 Datasheet HTML 16Page - Texas Instruments TPD4S201 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The TPD4S201 provides 4-channels of short-to-VBUS overvoltage protection for the CC1, CC2, SBU1, and SBU2
pins of the USB Type-C connector. The TPD4S201 provides adequate system protection as well as insuring that
proper system operation is maintained. The following application example explains how to properly design the
TPD4S201 into a USB Type-C system.
7.2 Typical Application
TPS25751
Type C
Connector
VBUS
LDO_3V3
CC1
CC2
TPD4S201
CC2
CC1
VPWR
C_CC1
C_CC2
SBU2
SBU1
C_SBU1
C_SBU2
Liquid Detec on
C_SBU1
C_SBU2
GND
POWER_PATH_EN
ADC
GPIO
GPIO<n>
GPIO4/GPIO5
VBUS
POWER_PATH_EN
I2C_CTRL
System 5V
PP5V
I2C TGT
Host MCU
I2C CTL
LDO_3V3
USB SS Mux
SSTX1/RX1
I2C TGT
GPIO<n>
CTRL<n>
SSTX2/RX2
SSTX/RX
DP/DM
PP_EN
VBUS
EEPROM
I2C TGT
Ba ery Charger
VIN
BAT
I2C TGT
GND
VBUS
PPEXT
SW
5A
PP_EN
Figure 7-1. TPD4S201Typical Application Diagram
www.ti.com
TPD4S201
SLVSIF2 – JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPD4S201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com