Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4S201 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPD4S201
Description  TPD4S201 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4S201 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD4S201 Datasheet HTML 3Page - Texas Instruments TPD4S201 Datasheet HTML 4Page - Texas Instruments TPD4S201 Datasheet HTML 5Page - Texas Instruments TPD4S201 Datasheet HTML 6Page - Texas Instruments TPD4S201 Datasheet HTML 7Page - Texas Instruments TPD4S201 Datasheet HTML 8Page - Texas Instruments TPD4S201 Datasheet HTML 9Page - Texas Instruments TPD4S201 Datasheet HTML 10Page - Texas Instruments TPD4S201 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
5.6 Electrical Characteristics (continued)
over operating junction temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SBU OVP Switches
RON
On Resistance of SBU OVP FETs
SBUx = 3.6 V. –40°C ≤ TJ ≤ +85°C
4
6.8
Ω
CON_SBU
Equivalent on Capacitance
Capacitance from SBUx or C_SBUx to
GND when device is powered. Measure
at VC_SBUx/VSBUx = 0.3V to 4.0V.
6
pF
VOVPSBU
OVP Threshold on SBU Pins
Place 3.6V on C_SBUx. Step up
C_SBUx until FLT pin is asserted.
4.0
4.2
4.41
V
VOVPSBU_HYS
Hysteresis on SBU OVP
Place 5 V on C_CCx. Step down the
voltage on C_CCx until the FLT pin is
deasserted. Measure difference
between rising and falling OVP
threshold for C_SBUx.
50
mV
BWON
On Bandwidth Single Ended (-3dB)
Measure the -3 dB bandwidth from
C_SBUx to SBUx. Single ended
measurement, 50Ω system. Vcm = 0.1V
to 3.6V.
600
760
MHz
XTALK
Crosstalk
Measure crosstalk at f = 1 MHz from
SBU1 to C_SBU2 or SBU2 to C_SBU1.
Vcm1 = 3.6 V, Vcm2 = 0.3 V. Terminate
open sides to 50Ω.
-70
dB
VSTBUS_SBU
Short-to-VBUS tolerance on the SBU
pins
Hot-Plug C_SBUx with a 1 meter USB
Type C Cable. Put a 100-nF capacitor
in series with a 40-Ω resistor to GND
on SBUx.
21.5
V
VSTBUS_SBU_CLAMP
Short-to-VBUS System-Side Clamping
Voltage on the SBU pins (SBUx)
Hot-Plug C_SBUx with a 1 meter
USB Type C Cable. Hot-Plug voltage
C_SBUx = 51V. VPWR = 3.3 V. Put a
150-nF capacitor in series with a 40-Ω
resistor to GND on SBUx.
7
V
Power Supply and Leakage Currents
VPWR_UVLO
VPWR Undervoltage Lockout
Place 1 V on VPWR and raise voltage
until SBU or CC FETs turn-on.
2.1
2.3
2.6
V
VPWR_UVLO_HYS
VPWR UVLO Hysteresis
Place 3 V on VPWR and lower voltage
until SBU or CC FETs turnoff; measure
difference between rising and falling
UVLO to calculate hysteresis.
70
100
130
mV
IVPWR
VPWR supply current
VPWR = 3.3 V (typical), VPWR = 4.5 V
(maximum). –40°C ≤ TJ ≤ +85°C.
112
160
µA
IC_CC_LEAK
Leakage current for C_CCx pins when
device is powered
VPWR = 3.3 V, VC_CCx = 3.6 V, CCx pins
are floating, measure leakage current
into C_CCx pins.
5
µA
IC_SBU_LEAK
Leakage current for C_SBUx pins when
device is powered
VPWR = 3.3 V, VC_SBUx = 3.6 V, SBUx
pins are floating, measure leakage
current into C_SBUx pins. Result should
be same if SBUx side is biased and
C_SBUx is left floating.-40°C ≤ TJ ≤
+85°C
3.2
µA
IC_CC_LEAK_OVP
Leakage current for C_CCx pins when
device is in OVP
VPWR = 0 V or 3.3 V, VC_CCx = 51
V, CCx pins are set to 0 V, measure
leakage current into C_CCx pins.
1200
µA
IC_SBU_LEAK_OVP
Leakage current for C_SBUx pins when
device is in OVP
VPWR = 0 V or 3.3 V, VC_SBUx = 51
V, SBUx pins are set to 0 V, measure
leakage current into C_SBUx pins.
720
µA
ICC_LEAK_OVP
Leakage current for CC pins when
device is in OVP
VPWR = 0 V or 3.3 V, VC_CCx = 51
V, CCx pins are set to 0 V, measure
leakage current out of CCx pins.
30
µA
ISBU_LEAK_OVP
Leakage current for SBU pins when
device is in OVP
VPWR = 0 V, VC_SBUx = 51 V, SBUx
pins are set to 0 V, measure leakage
current into SBUx pins.
-1
1
µA
/FLT Pin
VOL
Low-level output voltage
IOL = 3mA. Measure voltage at FLT pin.
0.4
V
Over Temperature Protection
www.ti.com
TPD4S201
SLVSIF2 – JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPD4S201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com