Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS5294IPFPR
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 10Page - Texas Instruments ADS5294IPFPR Datasheet HTML 11Page - Texas Instruments ADS5294IPFPR Datasheet HTML 12Page - Texas Instruments ADS5294IPFPR Datasheet HTML 13Page - Texas Instruments ADS5294IPFPR Datasheet HTML 14Page - Texas Instruments ADS5294IPFPR Datasheet HTML 15Page - Texas Instruments ADS5294IPFPR Datasheet HTML 16Page - Texas Instruments ADS5294IPFPR Datasheet HTML 17Page - Texas Instruments ADS5294IPFPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
14
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
(1)
Bit clock and Frame clock jitter has been included in the Set-up and hold timing.
(2)
Values below correspond to tdelay, NOT tPROG
8.8 LVDS Timing at Different Sampling Frequencies — 2-Wire Interface, 7x-Serialization, Digital
Filter Disabled
See
(1)
ADC CLK Frequency (MSPS)
Set-up Time (tsu), ns
Hold Time (tH), ns
tPROG = (6 / 7) × T + tdelay, ns
(2)
Fs = 1 / T
Data Valid to Zero-
Crossing of LCLKP
(both edges)
Zero-Crossing of LCLKP to
Data Becoming Invalid
(both edges)
tPROG = delay from Input clock zero-cross
rising edge to frame clock zero cross (rising
edge)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
80
0.34
0.57
0.55
0.8
8
9.5
11
65
0.35
0.64
0.8
1.1
8
9.5
11
50
0.7
0.9
1.2
1.5
8
9.5
11
40
1
1.3
1.6
1.85
8
9.5
11
30
1.7
2
2
2.3
8
9.5
11
20
2.9
3.2
3.2
3.5
8
9.5
11
10
6.5
6.7
6.7
7
8
9.5
11
(1)
Bit clock and Frame clock jitter has been included in the Set-up and hold timing.
(2)
Values below correspond to tdelay, NOT tPROG
8.9 LVDS Timing at Different Sampling Frequencies — 1-Wire Interface, 14x-Serialization,
Digital Filter Disabled
See
(1)
ADC CLK Frequency (MSPS)
Set-up Time (tsu), ns
Hold Time (tH), ns
tPROG = (5 / 7) × T + tdelay, ns
(2)
Fs = 1 / T
Data Valid to Zero-
Crossing of LCLKP
(both edges)
Zero-Crossing of LCLKP to
Data Becoming Invalid
(both edges)
tPROG = delay from Input clock zero-cross
rising edge to frame clock zero cross (rising
edge)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
50
0.28
0.48
0.28
0.6
7.5
9
10.5
40
0.5
0.68
0.54
0.8
7.5
9
10.5
30
0.62
0.8
1
1.25
7.5
9
10.5
20
1.2
1.4
1.6
1.9
7.5
9
10.5
10
3.1
3.3
3.3
3.5
7.5
9
10.5
NOTE
The LVDS timing specification is only valid when digital decimation filters are disabled.
When digital filters are enabled, the set-up time decreases as the corresponding hold time
increases as shown in LVDS Timing at Different Sampling Frequencies — 1-Wire
Interface, 14x-Serialization, Decimation by 2 Filter Enabled to LVDS Timing at Different
Sampling Frequencies — 1-Wire Interface, 14x-Serialization, Decimation by 8 Filter
Enabled . The change on LVDS timing also depends on the internal PLL setting of the
ADS5294. See PLL Operation Versus LVDS Timing for more information.
At the highest sampling frequency, 80-MSPS, and decimation of 2 ( for example: effective
data rate = 560 Mbps in 1-wire mode), the set-up time is reduced by 70 ps, (for example:
set-up time, min = 0.43 ns; hold time, min = 0.54 ns). scenario assumes that the
recommended PLL settings are configured as shown in PLL Operation Versus LVDS
Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com