Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 16 Page - Texas Instruments

Part # ADS5294IPFPR
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 12Page - Texas Instruments ADS5294IPFPR Datasheet HTML 13Page - Texas Instruments ADS5294IPFPR Datasheet HTML 14Page - Texas Instruments ADS5294IPFPR Datasheet HTML 15Page - Texas Instruments ADS5294IPFPR Datasheet HTML 16Page - Texas Instruments ADS5294IPFPR Datasheet HTML 17Page - Texas Instruments ADS5294IPFPR Datasheet HTML 18Page - Texas Instruments ADS5294IPFPR Datasheet HTML 19Page - Texas Instruments ADS5294IPFPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
16
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
(1)
Bit clock and Frame clock jitter has been included in the Set-up and hold timing.
(2)
The LVDS timing depends on the state of the internal PLL. Use Table 3 to configure the PLL when decimation by two is enabled..
(3)
For any given ADC input clock frequency, TI recommends to use the highest PLL state to get the best set-up time. The timing numbers
are specified under this condition. For example, for a 40-MSPS input clock frequency, use PLL state 3 to get set-up time
≥ 1.1 ns. PLL
state 2 can also be used at 40 MSPS, however, the set-up time degrades by 100 to 200 ps (while the hold time improves by a similar
amount).
(4)
Values below correspond to tdelay, not tPROG
8.12 LVDS Timing at Different Sampling Frequencies — 1-Wire Interface, 14x-Serialization,
Decimation by 2 Filter Enabled
See
(1) (2) (3)
ADC CLK Frequency (MSPS)
Set-up Time (tsu), ns
Hold Time (tH), ns
tPROG = (6 / 7) × T + tdelay, ns
(4)
Fs = 1 / T
Data Valid to Zero-
Crossing of LCLKP
(both edges)
Zero-Crossing of LCLKP to
Data Becoming Invalid
(both edges)
tPROG = delay from input clock zero-cross
rising edge to frame clock zero cross (rising
edge)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
80
0.43
0.54
7.5
9
10.5
60
0.54
0.9
7.5
9
10.5
40
1.1
1.45
7.5
9
10.5
(1)
Bit clock and Frame clock jitter has been included in the Set-up and hold timing.
(2)
The LVDS timing depends on the state of the internal PLL. Use Table 4 to configure the PLL when decimation by 4 is enabled
(3)
For any given ADC input clock frequency, TI recommends to use the highest PLL state to get best set-up time. The timing numbers are
specified under this condition.
(4)
Values below correspond to tdelay, not tPROG
8.13 LVDS Timing at Different Sampling Frequencies — 1-Wire Interface, 14x-Serialization,
Decimation by 4 Filter Enabled
See
(1) (2) (3)
ADC CLK Frequency (MSPS)
Set-up Time (tsu), ns
Hold Time (tH), ns
tPROG = (8 / 7) × T + tdelay, ns
(4)
Fs = 1 / T
Data Valid to Zero-
Crossing of LCLKP
(both edges)
Zero-Crossing of LCLKP to
Data Becoming Invalid
(both edges)
tPROG = delay from input clock zero-cross
rising edge to frame clock zero cross (rising
edge)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
80
1
1.5
7.5
9
10.5
60
1.7
1.7
7.5
9
10.5
(1)
Bit clock and Frame clock jitter has been included in the Set-up and hold timing.
(2)
The LVDS timing depends on the state of the internal PLL. Use Table 5 to configure the PLL when decimation by 8 is enabled
(3)
For any given ADC input clock frequency, TI recommends using the highest PLL state to get best set-up time. The timing numbers are
specified under this condition.
(4)
Values below correspond to tdelay, not tPROG
8.14 LVDS Timing at Different Sampling Frequencies — 1-Wire Interface, 14x-Serialization,
Decimation by 8 Filter Enabled
See
(1) (2) (3)
ADC CLK Frequency (MSPS)
Set-up Time (tsu), ns
Hold Time (tH), ns
tPROG = (5 / 7) × T + tdelay, ns
(4)
Fs = 1 / T
Data Valid to Zero-
Crossing of LCLKP
(both edges)
Zero-Crossing of LCLKP to
Data Becoming Invalid
(both edges)
tPROG = delay from Input clock zero-cross
rising edge to frame clock zero cross (rising
edge)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
80
2.9
3.2
7.5
9
10.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com