Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 43 Page - Texas Instruments

Part # ADS5294IPFPR
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 43 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 39Page - Texas Instruments ADS5294IPFPR Datasheet HTML 40Page - Texas Instruments ADS5294IPFPR Datasheet HTML 41Page - Texas Instruments ADS5294IPFPR Datasheet HTML 42Page - Texas Instruments ADS5294IPFPR Datasheet HTML 43Page - Texas Instruments ADS5294IPFPR Datasheet HTML 44Page - Texas Instruments ADS5294IPFPR Datasheet HTML 45Page - Texas Instruments ADS5294IPFPR Datasheet HTML 46Page - Texas Instruments ADS5294IPFPR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
43
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Register Maps (continued)
Table 6. Summary of Functions Supported by Serial Interface (1)(2)(3)(4) (continued)
ADDR.
(HEX)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
DESCRIPTION
31
X
X
X
FILTER4_COEFF_SET<2:0>
Select stored coefficient set for filter 4
X
X
X
FILTER4_RATE<2:0>
Set decimation factor for filter 4
X
ODD_TAP4
Use odd tap filter 4
X
USE_FILTER4
1: Enables filter for channel 4;
0: Disables
X
X
X
X
HPF_CORNER _CH4
HPF corner in values k from 2 to 10
X
HPF_EN_CH4
1: HPF filter enabled for the channel;
0: Disabled
32
X
X
X
FILTER5_COEFF_SET<2:0>
Select stored coefficient set for filter 5
X
X
X
FILTER5_RATE<2:0>
Set decimation factor for filter 5
X
ODD_TAP5
Use odd tap filter 5
X
USE_FILTER5
1: Enables filter for channel 5;
0: Disables
X
X
X
X
HPF_CORNER _CH5
HPF corner in values k from 2 to 10
X
HPF_EN_CH5
1: HPF filter enabled for the channel;
0: Disabled
33
X
X
X
FILTER_TYPE6<2:0>
Select stored coefficient set for filter 6
X
DECBY8_6
Enables decimate by 8 filter 6
X
X
FILTER_MODE6<1:0>
Set decimation factor for filter 6
X
ODD_TAP6
Use odd tap filter 6
X
USE_FILTER6
Enables filter for channel 6
X
X
X
X
HPF_CORNER _CH6
HPF corner in values k from 2 to 10
X
HPF_EN_CH6
HPF filter enable for the channel
34
X
X
X
FILTER_TYPE7<2:0>
Select stored coefficient set for filter 7
X
DECBY8_7
Enables decimate by 8 filter 7
X
X
FILTER_MODE7<1:0>
Set decimation factor for filter 7
X
ODD_TAP7
Use odd tap filter 7
X
USE_FILTER7
Enables filter for channel 7
X
X
X
X
HPF_CORNER _CH7
HPF corner in values k from 2 to 10
X
HPF_EN_CH7
HPF filter enable for the channel
35
X
X
X
FILTER_TYPE8<2:0>
Select stored coefficient set for filter 8
X
DECBY8_8
Enables decimate by 8 filter 8
X
X
FILTER_MODE8<1:0>
Set decimation factor for filter 8
X
ODD_TAP8
Use odd tap filter 8
X
USE_FILTER8
1: Enables filter for channel 8;
0: Disables
X
X
X
X
HPF_CORNER_CH8
HPF corner in values k from 2 to 10
X
HPF_EN_CH8
1: HPF filter enable for the channel;
0: Disables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com