Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 36 Page - Texas Instruments

Part # ADS5294IPFPR
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 32Page - Texas Instruments ADS5294IPFPR Datasheet HTML 33Page - Texas Instruments ADS5294IPFPR Datasheet HTML 34Page - Texas Instruments ADS5294IPFPR Datasheet HTML 35Page - Texas Instruments ADS5294IPFPR Datasheet HTML 36Page - Texas Instruments ADS5294IPFPR Datasheet HTML 37Page - Texas Instruments ADS5294IPFPR Datasheet HTML 38Page - Texas Instruments ADS5294IPFPR Datasheet HTML 39Page - Texas Instruments ADS5294IPFPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
36
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
NOTE
For certain sampling frequencies, there are two PLL states possible, both of which are
stable. In such cases, the higher PLL state results in a better set-up time compared to a
lower PLL state. For example, at 80 MSPS, with decimation by 2 enabled, the PLL may be
in states 3 or 4. However, the set-up time value specified in LVDS Timing at Different
Sampling Frequencies — 1-Wire Interface, 14x-Serialization, Decimation by 2 Filter
Enabled (0.43 ns minimum) is in PLL state 4. In state 3, the set-up time is reduced further
by 100 ps typically, with a corresponding increase in the hold time.
Table 2. PLL Configuration When Decimation is Disabled
ADC Fs (MSPS)
FUNCTION
REGISTER ADDRESS
REGISTER DATA
Fs
≤ 12
Disable PLL auto state switch and put
PLL in state 1
0xD1
0x0040
9
≤ Fs ≤ 24
Disable PLL auto state switch and put
PLL in state 2
0xD1
0x00C0
18
≤ Fs ≤ 42
Disable PLL auto state switch and put
PLL in state 3
0xD1
0x0140
Fs
≥ 28
Disable PLL auto state switch and put
PLL in state 4
0xD1
0x0240
Table 3. PLL Configuration When Decimation by 2 is Used
ADC Fs
FUNCTION
REGISTER ADDRESS
REGISTER DATA
Fs
≤ 24
Disable PLL auto state switch and put
PLL in state 1
0xD1
0x0040
18
≤ Fs ≤ 48
Disable PLL auto state switch and put
PLL in state 2
0xD1
0x00C0
36
≤ Fs ≤ 80
Disable PLL auto state switch and put
PLL in state 3
0xD1
0x0140
Fs
≥ 56
Disable PLL auto state switch and put
PLL in state 4
0xD1
0x0240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com