Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 44 Page - Texas Instruments

Part # ADS5294IPFPR
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 44 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 40Page - Texas Instruments ADS5294IPFPR Datasheet HTML 41Page - Texas Instruments ADS5294IPFPR Datasheet HTML 42Page - Texas Instruments ADS5294IPFPR Datasheet HTML 43Page - Texas Instruments ADS5294IPFPR Datasheet HTML 44Page - Texas Instruments ADS5294IPFPR Datasheet HTML 45Page - Texas Instruments ADS5294IPFPR Datasheet HTML 46Page - Texas Instruments ADS5294IPFPR Datasheet HTML 47Page - Texas Instruments ADS5294IPFPR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
44
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Register Maps (continued)
Table 6. Summary of Functions Supported by Serial Interface (1)(2)(3)(4) (continued)
ADDR.
(HEX)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
DESCRIPTION
38
X
X
DATA_RATE<1:0>
Select output frame clock rate. Please see Output Data Rate Control.
42
X
X
EXT_REF_VCM
Drive external reference mode through:
D15 = D3 = 1: the VCM pin;
D15 = D3 = 0: REFT and REFB pins.
Note: 0xF0[15] should be set as '1' to enable the external reference
mode.
X
X
PHASE_DDR<1:0>
Controls phase of LCLK output relative to data
45
0
X
PAT_DESKEW
1: Enable deskew pattern mode;
0: Inactive
X
0
PAT_SYNC
1: Enable sync pattern mode;
0: Inactive
46
1
X
EN_2WIRE
1: 2-wire LVDS output;
0: 1-wire LVDS output.
Note: ~250us PLL settling time is required after programming the
EN_2WIRE bit from Default States After Reset.
1
X
BTC_MODE
1: 2s complement; (ADC data output format)
0: Binary Offset (ADC data output format)
1
X
MSB_FIRST
1: MSB First;
0: LSB First
1
X
EN_SDR
1:SDR Bit Clock;
0: DDR Bit Clock
1
X
X
X
X
EN_BIT_SER
Output serialization mode.
0001: 10 bit (EN_10BIT)
0010: 12 bit (EN_12BIT)
0100: 14 bit (EN_14BIT)
1000: 16 bit (EN_16BIT)
1
X
FALL_SDR
1: Controls LCLK rising or falling edge comes in the middle of data
window when operating in SDR output mode; 0: At the edge of data
window.
50
1
X
X
X
X
MAP_Ch1234_to_OUT1A
OUT1A Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch1234_to_OUT1B
OUT1B Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch1234_to_OUT2A
OUT2A Pin pair to channel data mapping selection
51
1
X
X
X
X
MAP_Ch1234_to_OUT2B
OUT2B Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch1234_to_OUT3A
OUT3A Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch1234_to_OUT3B
OUT3B Pin pair to channel data mapping selection
52
1
X
X
X
X
MAP_Ch1234_to_OUT4A
OUT4A Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch1234_to_OUT4B
OUT4B Pin pair to channel data mapping selection
53
1
X
X
X
X
MAP_Ch5678_to_OUT5B
OUT5B Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch5678_to_OUT5A
OUT5A Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch5678_to_OUT6B
OUT6B Pin pair to channel data mapping selection
54
1
X
X
X
X
MAP_Ch5678_to_OUT6A
OUT6A Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch5678_to_OUT7B
OUT7B Pin pair to channel data mapping selection
1
X
X
X
X
MAP_Ch5678_to_OUT7A
OUT7A Pin pair to channel data mapping selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com