Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 72 Page - Texas Instruments

Part # ADS5294IPFPR
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 72 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 68Page - Texas Instruments ADS5294IPFPR Datasheet HTML 69Page - Texas Instruments ADS5294IPFPR Datasheet HTML 70Page - Texas Instruments ADS5294IPFPR Datasheet HTML 71Page - Texas Instruments ADS5294IPFPR Datasheet HTML 72Page - Texas Instruments ADS5294IPFPR Datasheet HTML 73Page - Texas Instruments ADS5294IPFPR Datasheet HTML 74Page - Texas Instruments ADS5294IPFPR Datasheet HTML 75Page - Texas Instruments ADS5294IPFPR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
(ExpressedindBc)
DVCM
DVOUT
10
CMRR=20Log
(ExpressedindBc)
DVSUP
DVOUT
10
PSRR=20Log
10
S
N
P
THD = 10Log
P
SINAD
1.76
ENOB =
6.02
-
72
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Device Support (continued)
SINAD is either given in units of dBc (dB to carrier) when the absolute power of the
fundamental is used as the reference, or dBFS (dB to full-scale) when the power of the
fundamental is extrapolated to the converter full-scale range.
Effective Number of Bits (ENOB) ENOB is a measure of the converter performance as compared to the
theoretical limit based on quantization noise.
(9)
Total Harmonic Distortion (THD) THD is the ratio of the power of the fundamental (PS) to the power of the first
nine harmonics (PD).
(10)
THD is typically given in units of dBc (dB to carrier).
Spurious-Free Dynamic Range (SFDR) The ratio of the power of the fundamental to the highest other spectral
component (either spur or harmonic). SFDR is typically given in units of dBc (dB to carrier).
Two-Tone Intermodulation Distortion IMD3 is the ratio of the power of the fundamental (at frequencies f1 and
f2) to the power of the worst spectral component at either frequency 2f1 – f2 or 2f2 – f1. IMD3 is
either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as
the reference, or dBFS (dB to full-scale) when the power of the fundamental is extrapolated to the
converter full-scale range.
DC Power-Supply Rejection Ratio (DC PSRR) DC PSSR is the ratio of the change in offset error to a change
in analog supply voltage. The DC PSRR is typically given in units of mV/V.
AC Power-Supply Rejection Ratio (AC PSRR) AC PSRR is the measure of rejection of variations in the supply
voltage by the ADC. If ΔVSUP is the change in supply voltage and ΔVOUT is the resultant change of
the ADC output code (referred to the input), then:
(11)
Voltage Overload Recovery The number of clock cycles taken to recover to less than 1% error after an overload
on the analog inputs. Voltage overload recovery is tested by separately applying a sine wave signal
with 6dB positive and negative overload. The deviation of the first few samples after the overload
(from the expected values) is noted.
Common-Mode Rejection Ratio (CMRR) CMRR is the measure of rejection of variation in the analog input
common-mode by the ADC. If ΔVCM_IN is the change in the common-mode voltage of the input pins
and ΔVOUT is the resulting change of the ADC output code (referred to the input), then:
(12)
Crosstalk (only for multi-channel ADCs) Crosstalk is a measure of the internal coupling of a signal from an
adjacent channel into the channel of interest. Crosstalk is specified separately for coupling from the
immediate neighboring channel (near-channel) and for coupling from channel across the package
(far-channel). Crosstalk is usually measured by applying a full-scale signal in the adjacent channel.
Crosstalk is the ratio of the power of the coupling signal (as measured at the output of the channel
of interest) to the power of the signal applied at the adjacent channel input. Crosstalk is typically
expressed in dBc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com