Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 65 Page - Texas Instruments

Part # ADS5294IPFPR
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 65 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 61Page - Texas Instruments ADS5294IPFPR Datasheet HTML 62Page - Texas Instruments ADS5294IPFPR Datasheet HTML 63Page - Texas Instruments ADS5294IPFPR Datasheet HTML 64Page - Texas Instruments ADS5294IPFPR Datasheet HTML 65Page - Texas Instruments ADS5294IPFPR Datasheet HTML 66Page - Texas Instruments ADS5294IPFPR Datasheet HTML 67Page - Texas Instruments ADS5294IPFPR Datasheet HTML 68Page - Texas Instruments ADS5294IPFPR Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
IN1P
ADS5294/92
VCM (0.95V Vout or 1.5V Vin)
CLKN
CLKP
ADS5294/92
0.1uF
RCLKT 100
Ÿ
0.1uF
SCLK
SDATA
RESET
CSZ
SOUT
SYNC
PD
AGND
LGND
1.8VA
1.8VD
N*0.1uF
N*0.1uF
AVSS
AGND
LGND
10uF
10uF
NC
1uF
0.1uF
10
Ÿ
10
Ÿ
2pF
0.1uF
0.1uF
10
Ÿ
10
Ÿ
2pF
0.1uF
0.1uF
10
Ÿ
10
Ÿ
2pF
0.1uF
0.1uF
10
Ÿ
10
Ÿ
2pF
0.1uF
0.1uF
10
Ÿ
10
Ÿ
2pF
0.1uF
0.1uF
10
Ÿ
10
Ÿ
2pF
0.1uF
0.1uF
10
Ÿ
10
Ÿ
2pF
0.1uF
0.1uF
10
Ÿ
10
Ÿ
2pF
0.1uF
IN1P
IN1N
IN2P
IN2N
IN3P
IN3N
IN4P
IN4N
IN5P
IN5N
IN6P
IN6N
IN7P
IN7N
IN8P
IN8N
SEE 0x42[15,3] FOR VCM, REFB/T PINS
AVDD
LVDD
OUT1A_P
OUT1A_N
OUT1B_P
OUT1B_N
OUT2A_P
OUT2A_N
OUT2B_P
OUT2B_N
OUT3A_P
OUT3A_N
OUT3B_P
OUT3B_N
OUT4A_P
OUT4A_N
OUT4B_P
OUT4B_N
OUT5A_P
OUT5A_N
OUT5B_P
OUT5B_N
OUT6A_P
OUT6A_N
OUT6B_P
OUT6B_N
OUT7A_P
OUT7A_N
OUT7B_P
OUT7B_N
OUT8A_P
OUT8A_N
OUT8B_P
OUT8B_N
LCLKP
LCLKN
ACLKP
ACLKN
REFT(1.45V Vout or Vin)
REFB(0.45V Vout or Vin)
1uF
1uF
(Optional)
65
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
10.2 Typical Application
(1)
REFB, REFT pins can be left floating in the internal reference mode, i.e. EN_EXT_REF=0.
Figure 62. Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com