Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 50 Page - Texas Instruments

Part # ADS5294IPFPR
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 50 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 46Page - Texas Instruments ADS5294IPFPR Datasheet HTML 47Page - Texas Instruments ADS5294IPFPR Datasheet HTML 48Page - Texas Instruments ADS5294IPFPR Datasheet HTML 49Page - Texas Instruments ADS5294IPFPR Datasheet HTML 50Page - Texas Instruments ADS5294IPFPR Datasheet HTML 51Page - Texas Instruments ADS5294IPFPR Datasheet HTML 52Page - Texas Instruments ADS5294IPFPR Datasheet HTML 53Page - Texas Instruments ADS5294IPFPR Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
24-tap filter
(Even Tap)
24-tap filter
(Even Tap)
Decimation
by 2 or
by 4
GAIN
(0 to 12 dB ,
1 dB steps )
DIGITAL PROCESSING BLOCK for
CHANNEL 1
Test Patterns
-
Ramp
MAPPER
MULTIPLEXER
8 : 8
LVDS OUTPUTS
14-BIT
½ ADS529x
Average of 2
channels
Average of 4
channels
Channel 1 ADC Data
23-tap filter
(Odd Tap)
Built-in Coefficients
Decimation
by 2 or
by 4 or
by 8
Custom Coefficients
Serializer
Wire 1
Serializer
Wire 2
Channel
1
Serializer
Wire 1
Serializer
Wire 2
Channel
2
Serializer
Wire 1
Serializer
Wire 2
Channel
3
Serializer
Wire 1
Serializer
Wire 2
Channel
4
OUT 1A
OUT 1B
OUT 2A
OUT 2B
OUT 3A
OUT 3B
OUT 4A
OUT 4B
12-tap filter
Channel 2 ADC Data
Channel 3 ADC Data
Channel 4 ADC Data
23-tap filter
(Odd Tap)
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
50
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Figure 55. Digital Processing Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com