Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 62 Page - Texas Instruments

Part # ADS5294IPFPR
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 62 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 58Page - Texas Instruments ADS5294IPFPR Datasheet HTML 59Page - Texas Instruments ADS5294IPFPR Datasheet HTML 60Page - Texas Instruments ADS5294IPFPR Datasheet HTML 61Page - Texas Instruments ADS5294IPFPR Datasheet HTML 62Page - Texas Instruments ADS5294IPFPR Datasheet HTML 63Page - Texas Instruments ADS5294IPFPR Datasheet HTML 64Page - Texas Instruments ADS5294IPFPR Datasheet HTML 65Page - Texas Instruments ADS5294IPFPR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
62
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Registers 0x50 to 0x55 control the multiplexing options as shown in Table 26 and Table 27.
Table 26. Multiplexing Options
MAP_CH1234_to_OUTn<3:0>
MAPPING
USED IN 1-WIRE MODE?
USED IN 2-WIRE MODE?
0000
ADC input channel IN1 to OUTn
Y
Y, for LSB byte
0001
ADC input channel IN1 to OUTn (2-
wire only)
N
Y, for MSB byte
0010
ADC input channel IN2 to OUTn
Y
Y, for LSB byte
0011
ADC input channel IN2 to OUTn (2-
wire only)
N
Y, for MSB byte
0100
ADC input channel IN3 to OUTn
Y
Y, for LSB byte
0101
ADC input channel IN3 to OUTn (2-
wire only)
N
Y, for MSB byte
0110
ADC input channel IN4 to OUTn
Y
Y, for LSB byte
0111
ADC input channel IN4 to OUTn (2-
wire only)
N
Y, for MSB byte
1xxx
LVDS output buffer OUTn is powered
down
Table 27. Multiplexing Options
MAP_CH5678_to_OUTn<3:0>
MAPPING
USED IN 1-WIRE MODE?
USED IN 2-WIRE MODE?
0000
ADC input channel IN8 to OUTn
Y
Y, for LSB byte
0001
ADC input channel IN8 to OUTn (2-
wire only)
N
Y, for MSB byte
0010
ADC input channel IN7 to OUTn
Y
Y, for LSB byte
0011
ADC input channel IN7 to OUTn (2-
wire only)
N
Y, for MSB byte
0100
ADC input channel IN6 to OUTn
Y
Y, for LSB byte
0101
ADC input channel IN6 to OUTn (2-
wire only)
N
Y, for MSB byte
0110
ADC input channel IN5 to OUTn
Y
Y, for LSB byte
0111
ADC input channel IN5 to OUTn (2-
wire only)
N
Y, for MSB byte
1xxx
LVDS output buffer OUTn is powered
down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com