Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 42 Page - Texas Instruments

Part # ADS5294IPFPR
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 42 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 38Page - Texas Instruments ADS5294IPFPR Datasheet HTML 39Page - Texas Instruments ADS5294IPFPR Datasheet HTML 40Page - Texas Instruments ADS5294IPFPR Datasheet HTML 41Page - Texas Instruments ADS5294IPFPR Datasheet HTML 42Page - Texas Instruments ADS5294IPFPR Datasheet HTML 43Page - Texas Instruments ADS5294IPFPR Datasheet HTML 44Page - Texas Instruments ADS5294IPFPR Datasheet HTML 45Page - Texas Instruments ADS5294IPFPR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
42
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Register Maps (continued)
Table 6. Summary of Functions Supported by Serial Interface (1)(2)(3)(4) (continued)
ADDR.
(HEX)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
DESCRIPTION
2B
X
X
X
X
GAIN_CH5<3:0>
Programmable gain - Channel 5
X
X
X
X
GAIN_CH6<3:0>
Programmable gain - Channel 6
X
X
X
X
GAIN_CH7<3:0>
Programmable gain - Channel 7
X
X
X
X
GAIN_CH8<3:0>
Programmable gain - Channel 8
2C
X
X
AVG_CTRL4<1:0>
Averaging control for what comes out on LVDS output OUT4
X
X
AVG_CTRL3<1:0>
Averaging control for what comes out on LVDS output OUT3
X
X
AVG_CTRL2<1:0>
Averaging control for what comes out on LVDS output OUT2
X
X
AVG_CTRL1<1:0>
Averaging control for what comes out on LVDS output OUT1
2D
X
X
AVG_CTRL8<1:0>
Averaging control for what comes out on LVDS output OUT8
X
X
AVG_CTRL7<1:0>
Averaging control for what comes out on LVDS output OUT7
X
X
AVG_CTRL6<1:0>
Averaging control for what comes out on LVDS output OUT6
X
X
AVG_CTRL5<1:0>
Averaging control for what comes out on LVDS output OUT5
2E
X
X
X
FILTER1_COEFF_SET<2:0>
Select stored coefficient set for filter 1
X
X
X
FILTER1_RATE<2:0>
Set decimation factor for filter 1
X
ODD_TAP1
Use odd tap filter 1
X
USE_FILTER1
1: Enables filter for channel 1;
0: Disables
X
X
X
X
HPF_CORNER _CH1
HPF corner in values k from 2 to 10
X
HPF_EN_CH1
1: HPF filter enable for the channel;
0: Disables
2F
X
X
X
FILTER2_COEFF_SET<2:0>
Select stored coefficient set for filter 2
X
X
X
FILTER2_RATE<2:0>
Set decimation factor for filter 2
X
ODD_TAP2
Use odd tap filter 2
X
USE_FILTER2
1: Enables filter for channel 2;
0: Disables
X
X
X
X
HPF_CORNER _CH2
HPF corner in values k from 2 to 10
X
HPF_EN_CH2
1: HPF filter enabled for the channel;
0: Disabled
30
X
X
X
FILTER3_COEFF_SET<2:0>
Select stored coefficient set for filter 3
X
X
X
FILTER3_RATE<2:0>
Set decimation factor for filter 3
X
ODD_TAP3
Use odd tap filter 3
X
USE_FILTER3
1: Enables filter for channel 3;
0: Disables
X
X
X
X
HPF_CORNER _CH3
HPF corner in values k from 2 to 10
X
HPF_EN_CH3
1: HPF filter enabled for the channel;
0: Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com