Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR Datasheet(PDF) 55 Page - Texas Instruments

Part # ADS5294IPFPR
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR Datasheet(HTML) 55 Page - Texas Instruments

Back Button ADS5294IPFPR Datasheet HTML 51Page - Texas Instruments ADS5294IPFPR Datasheet HTML 52Page - Texas Instruments ADS5294IPFPR Datasheet HTML 53Page - Texas Instruments ADS5294IPFPR Datasheet HTML 54Page - Texas Instruments ADS5294IPFPR Datasheet HTML 55Page - Texas Instruments ADS5294IPFPR Datasheet HTML 56Page - Texas Instruments ADS5294IPFPR Datasheet HTML 57Page - Texas Instruments ADS5294IPFPR Datasheet HTML 58Page - Texas Instruments ADS5294IPFPR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
k
k
2
y(n) =
[x(n) x(n 1)+y(n 1)]
2 +1
-
-
-
55
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Table 17. Digital Filters
DECIMATION
TYPE OF FILTER
DATA_RAT
E>
FILTERn_RA
TE
FILTERn_CO
EFF_SET
ODD_TAP
USE_FILTE
R_CHn
EN_CUSTOM_
FILT
Decimate by 2
Built-in low-pass odd-tap filter (pass band = 0 to fS/4)
01
000
000
1
1
0
Built-in highpass odd-tap filter (pass band = fS/4 to fS/2 )
01
000
001
1
1
0
Decimate by 4
Built-in lowpass even-tap filter (pass band = 0 to fS/8)
10
001
010
0
1
0
Built-in first bandpass even tap filter(pass band = fS/8 to fS/4)
10
001
011
0
1
0
Built-in second bandpass even tap filter(pass band = fS/4 to 3
fS/8)
10
001
100
0
1
0
Built-in highpass odd tap filter (pass band = 3 fS/8 to fS/2)
10
001
101
1
1
0
Decimate by 2
Custom filter (user-programmable coefficients)
01
000
000
0 and 1
1
1
Decimate by 4
Custom filter (user-programmable coefficients)
10
001
000
0 and 1
1
1
Decimate by 8
Custom filter (user-programmable coefficients)
11
100
000
0 and 1
1
1
Bypass decimation
Custom filter (user-programmable coefficients)
00
011
000
0 and 1
1
1
Note: EN_CUSTOM_FILT is the D15 of register 5A (Hex) to B9 (Hex).
The choice of the odd or even tap setting, filter coefficient set, and the filter rate uniquely determines the filter to
be used. In addition to the preset filter coefficients, the coefficients for each of the eight filter channels can be
programmed by the user. Each of the eight channels has 12 programmable coefficients, each 12-bit long. The 96
registers with addresses from 5A (Hex) to B9 (Hex) are used to program these eight sets of 12 programmable
coefficients. Registers 5A to 65 are used to program the first filter, with the first coefficient occupying the bits
D11..D0 of register 5A, the second coefficient occupying the bits D11..D0 of register 5B, and so on. Similarly
registers 66 (Hex) to 71 (Hex) are used to program the second filter, and so on.
When programming the filter coefficients, the D15 bit, EN_CUSTOM_FILT, of each of the 12 registers
corresponding to that filter should be set to ‘1’. If the D15 bit of these 12 registers is set to ‘0’, then the preset
coefficient (as programmed by FILTERn_COEFF_SET<2:0>) is used even if the bits D11..D0 get programmed.
By setting or not setting the D15 bits of individual filter channels to ‘1’, some filters can be made to operate with
preset coefficient sets, and some others can be made to simultaneously operate with programmed coefficient
sets.
9.6.1.10 Highpass Filter
Table 18. Highpass Filter
ADDR.
(HEX)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
2E
X
X
X
X
HPF_corner_CH1
2E
X
HPF_EN_CH1
2F
X
X
X
X
HPF_corner_CH2
2F
X
HPF_EN_CH2
30
X
X
X
X
HPF_corner_CH3
30
X
HPF_EN_CH3
31
X
X
X
X
HPF_corner_CH4
31
X
HPF_EN_CH4
32
X
X
X
X
HPF_corner_CH5
32
X
HPF_EN_CH5
33
X
X
X
X
HPF_corner_CH6
33
X
HPF_EN_CH6
34
X
X
X
X
HPF_corner_CH7
34
X
HPF_EN_CH7
35
X
X
X
X
HPF_corner_CH8
35
X
HPF_EN_CH8
This group of registers controls the characteristics of a digital highpass transfer function applied to the output
data, using Equation 4:
where



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com