Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 18 Page - Texas Instruments

Part # AMC3301
Description  AMC3301 Precision, ±250mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3301 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 14Page - Texas Instruments AMC3301 Datasheet HTML 15Page - Texas Instruments AMC3301 Datasheet HTML 16Page - Texas Instruments AMC3301 Datasheet HTML 17Page - Texas Instruments AMC3301 Datasheet HTML 18Page - Texas Instruments AMC3301 Datasheet HTML 19Page - Texas Instruments AMC3301 Datasheet HTML 20Page - Texas Instruments AMC3301 Datasheet HTML 21Page - Texas Instruments AMC3301 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
6 Detailed Description
6.1 Overview
The AMC3301 is a fully differential, precision, isolated amplifier with a fully integrated DC/DC converter that
can supply the device from a single 3.3-V or 5-V voltage supply on the low-side. The input stage of the device
consists of a fully differential amplifier that drives a second-order, delta-sigma (ΔΣ) modulator. The modulator
uses an internal voltage reference and clock generator to convert the analog input signal to a digital bitstream.
The drivers (termed TX in the Functional Block Diagram) transfer the output of the modulator across the isolation
barrier that separates the high-side and low-side voltage domains. As shown in the Functional Block Diagram,
the received bitstream and clock are synchronized and processed by a fourth-order analog filter on the low-side
and presented as a differential output of the device
The signal path is isolated by a double capacitive silicon dioxide (SiO2) insuation barrier, whereas power
isolation uses an on-chip transformer separated by a thin-film polymer as the insulating material.
6.2 Functional Block Diagram
AMC3301
û Modulator
HGND
INP
INN
OUTP
OUTN
GND
DCDC_IN
DCDC_GND
LDO_OUT
VDD
DIAG
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
NC
Resonator
And
Driver
LDO
Rectifier
LDO
Diagnostics
Analog Filter
6.3 Feature Description
6.3.1 Analog Input
The differential amplifier input stage of the AMC3301 feeds a second-order, switched-capacitor, feed-forward
ΔΣ modulator. The gain of the differential amplifier is set by internal precision resistors with a differential input
impedance of RIND. The modulator converts the analog signal into a bitstream that is transferred across the
isolation barrier, as described in the Data Isolation Channel Signal Transmission section.
There are two restrictions on the analog input signals (INP and INN). First, if the input voltages VINP or VINN
exceed the range specified in the Absolute Maximum Ratings table, the input current must be limited to the
absolute maximum value, because the device input electrostatic discharge (ESD) diodes turns on. In addition,
the linearity and parametric performance of the device are ensured only when the analog input voltage remains
within linear full-scale range (VFSR) and within the common-mode input voltage range (VCM) as specified in the
Recommended Operating Conditions table.
AMC3301
SBAS917C – AUGUST 2019 – REVISED MAY 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC3301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com