Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC3301
Description  AMC3301 Precision, ±250mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3301 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 5Page - Texas Instruments AMC3301 Datasheet HTML 6Page - Texas Instruments AMC3301 Datasheet HTML 7Page - Texas Instruments AMC3301 Datasheet HTML 8Page - Texas Instruments AMC3301 Datasheet HTML 9Page - Texas Instruments AMC3301 Datasheet HTML 10Page - Texas Instruments AMC3301 Datasheet HTML 11Page - Texas Instruments AMC3301 Datasheet HTML 12Page - Texas Instruments AMC3301 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
5.9 Electrical Characteristics (continued)
minimum and maximum specifications apply from TA = –40°C to +125°C, VDD = 3.0 V to 5.5 V, INP = –250 mV to +250 mV,
INN = HGND = 0 V, and the external components listed in the Typical Application section; typical specifications are at TA =
25°C, and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL OUTPUT (DIAG)
VOL
Low-level output voltage
ISINK= 4 mA
80
250
mV
ILKG
Open-drain output leakage current
VDD = 5V
5
100
nA
POWER SUPPLY
IDD
Low-side supply current
no external load on HLDO
27.5
40
mA
1 mA external load on HLDO
29.5
42
VDDUV
VDD analog undervoltage detection
threshold
VDD rising
2.9
V
VDD falling
2.8
VDDPOR
VDD digital reset threshold
VDD rising
2.5
V
VDD falling
2.4
VDCDC_OUT DCDC output voltage
DCDC_OUT to HGND
3.1
3.5
4.65
V
VDCDCUV
DCDC output undervoltage detection
threshold voltage
DCDC output falling
2.1
2.25
V
VHLDO_OUT High-side LDO output voltage
HLDO to HGND, 4 mA external load,
VDD > 3.6 V
3
3.2
3.4
V
VHLDOUV
High-side LDO output undervoltage
detection threshold voltage
HLDO output falling
2.4
2.6
V
IH
High-side supply current for auxiliary
circuitry
3 V ≤ VDD < 3.6 V, load connected
from HLDO_OUT to HGND, non-
switching
1
mA
3.6 V ≤ VDD ≤ 5.5 V, load connected
from HLDO_OUT to HGND, non-
switching
4.0
mA
tAS
Analog settling time
VDD step to 3.0 V, to OUTP and
OUTN valid, 0.1% settling
0.9
1.4
ms
(1)
The typical value includes one standard deviation ("sigma") at nominal operating conditions.
(2)
This parameter is input referred.
(3)
THD is the ratio of the rms sum of the amplitues of first five higher harmonics to the amplitude of the fundamental.
(4)
Offset error temperature drift is calculated using the box method, as described by the following equation:
TCVOS = (VOS,MAX - VOS,MIN) / TempRange where VOS,MAX and VOS,MIN refer to the maximum and minimum VOS values measured
within the temperature range (–40 to 125
℃).
(5)
Gain error temperature drift is calculated using the box method, as described by the following equation:
TCEG (ppm) = ((EG,MAX - EG,MIN) / TempRange) x 104 where EG,MAX and EG,MIN refer to the maximum and minimum EG values (in %)
measured within the temperature range (–40 to 125
℃).
www.ti.com
AMC3301
SBAS917C – AUGUST 2019 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AMC3301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com