Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 27 Page - Texas Instruments

Part # AMC3301
Description  AMC3301 Precision, ±250mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3301 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 23Page - Texas Instruments AMC3301 Datasheet HTML 24Page - Texas Instruments AMC3301 Datasheet HTML 25Page - Texas Instruments AMC3301 Datasheet HTML 26Page - Texas Instruments AMC3301 Datasheet HTML 27Page - Texas Instruments AMC3301 Datasheet HTML 28Page - Texas Instruments AMC3301 Datasheet HTML 29Page - Texas Instruments AMC3301 Datasheet HTML 30Page - Texas Instruments AMC3301 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
7.5 Layout
7.5.1 Layout Guidelines
Figure 7-6 shows a layout recommendation with the critical placement of the decoupling capacitors. The same
component reference designators are used as in the Power Supply Recommendations section. Decoupling
capacitors are placed as close as possible to the AMC3301 supply pins. For best performance, place the shunt
resistor close to the INP and INN inputs of the AMC3301 and keep the layout of both connections symmetrical.
To avoid causing errors in the measurement by the input bias currents of the AMC3301, connect the high-side
ground pin (HGND) to the INN-side of the shunt resistor. Use a separate trace in the layout to make this
connection to maintain equal currents in the INN and INP traces.
7.5.2 Layout Example
R4
R2
AMC3301
Clearance area, to be
kept free of any
conductive materials.
To MCU I/O (optional)
GND
INP
INN
3.3-V or 5-V supply
HGND
VDD
DIAG
Top Metal
Inner or Bottom Layer Metal
Via
OUTP
OUTN
To analog filter / ADC / MCU
To analog filter / ADC / MCU
C3
C2
C1
C5
C6
FB2
FB1
FB3
Figure 7-6. Recommended Layout of the AMC3301
www.ti.com
AMC3301
SBAS917C – AUGUST 2019 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: AMC3301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com