Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 14 Page - Texas Instruments

Part # AMC3301
Description  AMC3301 Precision, ±250mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3301 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 10Page - Texas Instruments AMC3301 Datasheet HTML 11Page - Texas Instruments AMC3301 Datasheet HTML 12Page - Texas Instruments AMC3301 Datasheet HTML 13Page - Texas Instruments AMC3301 Datasheet HTML 14Page - Texas Instruments AMC3301 Datasheet HTML 15Page - Texas Instruments AMC3301 Datasheet HTML 16Page - Texas Instruments AMC3301 Datasheet HTML 17Page - Texas Instruments AMC3301 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
5.13 Typical Characteristics (continued)
at VDD = 3.3 V, INP = –250 mV to +250 mV, INN = HGND = 0 V, and fIN = 10 kHz (unless otherwise noted)
VDD (V)
3
3.5
4
4.5
5
5.5
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
D020
Figure 5-17. Gain Error vs Supply Voltage
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
D021
Device 1
Device 2
Device 3
Figure 5-18. Gain Error vs Temperature
Differential Input Voltage (mV)
-250 -200 -150 -100
-50
0
50
100
150
200
250
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
D024
D001
D029
Figure 5-19. Nonlinearity vs Input Voltage
VDD (V)
3
3.5
4
4.5
5
5.5
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
D028
Figure 5-20. Nonlinearity vs Supply Voltage
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
D030
Device 1
Device 2
Device 3
Figure 5-21. Nonlinearity vs Temperature
|VINP - VINN| (mV)
0
50
100
150
200
250
300
40
45
50
55
60
65
70
75
80
D032
VIN = 0.5 Vpp, fIN = 10 kHz
Figure 5-22. Signal-to-Noise Ratio vs Input Voltage
AMC3301
SBAS917C – AUGUST 2019 – REVISED MAY 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC3301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com