Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 26 Page - Texas Instruments

Part # AMC3301
Description  AMC3301 Precision, ±250mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3301 Datasheet(HTML) 26 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 22Page - Texas Instruments AMC3301 Datasheet HTML 23Page - Texas Instruments AMC3301 Datasheet HTML 24Page - Texas Instruments AMC3301 Datasheet HTML 25Page - Texas Instruments AMC3301 Datasheet HTML 26Page - Texas Instruments AMC3301 Datasheet HTML 27Page - Texas Instruments AMC3301 Datasheet HTML 28Page - Texas Instruments AMC3301 Datasheet HTML 29Page - Texas Instruments AMC3301 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
higher than in taller components. Reputable capacitor manufacturers provide capacitance versus DC bias curves
that greatly simplify component selection.
The Best Practices to Attenuate AMC3301 Family Radiated Emissions EMI application note is available for
download at www.ti.com.
Table 7-2 lists components suitable for use with the AMC3301. This list is not exhaustive. Other components
may exist that are equally suitable (or better), however these listed components have been validated during the
development of the AMC3301.
Table 7-2. Recommended External Components
DESCRIPTION
PART NUMBER
MANUFACTURER
SIZE (EIA, L x W)
VDD
C8
1 nF ± 10%, X7R, 50 V
12065C102KAT2A
AVX
1206, 3.2 mm x 1.6 mm
C9
1 µF ± 10%, X7R, 25 V
12063C105KAT2A
AVX
1206, 3.2 mm x 1.6 mm
DC/DC CONVERTER
C4
100 nF ± 10%, X7R, 50 V
C0603C104K5RACAUTO
Kemet
0603, 1.6 mm x 0.8 mm
C3
1 nF ± 10%, X7R, 50 V
C0603C102K5RACTU
Kemet
0603, 1.6 mm x 0.8 mm
C2
1 µF ± 10%, X7R, 25 V
CGA3E1X7R1E105K080AC
TDK
0603, 1.6 mm x 0.8 mm
HLDO
C1
100 nF ± 10%, X7R, 50 V
C0603C104K5RACAUTO
Kemet
0603, 1.6 mm x 0.8 mm
C5
100 nF ± 5%, NP0, 50 V
C3216NP01H104J160AA
TDK
1206, 3.2 mm x 1.6 mm
C6
1 nF ± 10%, X7R, 50 V
12065C102KAT2A
AVX
1206, 3.2 mm x 1.6 mm
FERRITE BEADS
FB1,
FB2,
FB3
Ferrite bead(1)
74269244182
Wurth Elektronik
0402, 1.0mm × 0.5mm
BLM15HD182SH1
Murata
0402, 1.0mm × 0.5mm
BKH1005LM182-T
Taiyo Yuden
0402, 1.0mm × 0.5mm
(1)
No ferrite beads are used for parametric validation.
AMC3301
SBAS917C – AUGUST 2019 – REVISED MAY 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC3301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com