Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC3301
Description  AMC3301 Precision, ±250mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3301 Datasheet(HTML) 1 Page - Texas Instruments

  AMC3301 Datasheet HTML 1Page - Texas Instruments AMC3301 Datasheet HTML 2Page - Texas Instruments AMC3301 Datasheet HTML 3Page - Texas Instruments AMC3301 Datasheet HTML 4Page - Texas Instruments AMC3301 Datasheet HTML 5Page - Texas Instruments AMC3301 Datasheet HTML 6Page - Texas Instruments AMC3301 Datasheet HTML 7Page - Texas Instruments AMC3301 Datasheet HTML 8Page - Texas Instruments AMC3301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
AMC3301 Precision, ±250mV Input, Reinforced Isolated Amplifier
With Integrated DC/DC Converter
1 Features
• 3.3V or 5V single supply with integrated DC/DC
converter
• ±250mV input voltage range optimized for current
measurement using shunt resistors
• Fixed gain: 8.2
• Low DC errors:
– Offset voltage: ±150μV (max)
– Offset drift: ±1µV/°C (max)
– Gain error: ±0.2% (max)
– Gain error drift: ±40ppm/°C (max)
– Nonlinearity: ±0.04% (max)
• High CMTI: 85kV/µs (min)
• System-level diagnostic features
• Meets CISPR-11 and CISPR-25 EMI standards
• Safety-related certifications:
– 6000VPK reinforced isolation per DIN EN IEC
60747-17 (VDE 0884-17)
– 4250VRMS isolation for 1 minute per UL1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C
2 Applications
• Isolated shunt-based current sensing in:
– Protection relays
– Motor drives
– Power supplies
– Photovoltaic inverters
3 Description
The AMC3301 is a precision, isolated amplifier
optimized for shunt-based current measurements.
The fully integrated, isolated DC/DC converter allows
single-supply operation from the low-side of the
device, which makes the device a unique solution
for space-constrained applications. The reinforced
capacitive isolation barrier is certified according to
DIN EN IEC 60747-17 (VDE 0884-17) and UL1577
and supports a working voltage of up to 1.2kVRMS.
The isolation barrier separates parts of the system
that operate on different common-mode voltage levels
and protects the low-voltage side from hazardous
voltages and damage.
The input of the AMC3301 is optimized for direct
connection to a low-impedance shunt resistor or other,
low-impedance voltage source with low signal levels.
The excellent DC accuracy and low temperature drift
supports accurate current measurements over the
extended industrial temperature range from –40°C to
+125°C.
The integrated DC/DC converter fault-detection and
diagnostic output pin of the AMC3301 simplify
system-level design and diagnostics.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
AMC3301
DWE (SOIC, 16)
10.3mm × 10.3mm
(1)
For more information, see the Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
To MCU (optional)
AMC3301
Isolated
Power
Isolated
Power
HGND
INP
INN
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
NC
I
+250 mV
0 V
± 250 mV
DCDC_IN
DCDC_GND
LDO_OUT
VDD
OUTN
OUTP
GND
DIAG
Low-side supply
(3.3 V or 5 V)
±2.05 V
VCMout
ADC
Typical Application
AMC3301
SBAS917C – AUGUST 2019 – REVISED MAY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC3301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3301 TI1-AMC3301 Datasheet
592Kb / 23P
AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301 TI-AMC3301 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301-Q1 TI-AMC3301-Q1 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301DWE TI1-AMC3301DWE Datasheet
592Kb / 23P
AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301DWER TI1-AMC3301DWER Datasheet
592Kb / 23P
AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
More results

Similar Description - AMC3301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3301 TI1-AMC3301 Datasheet
592Kb / 23P
AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI1-AMC3330-Q1 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301-Q1 TI-AMC3301-Q1 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI-AMC3330-Q1_V01 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330 TI-AMC3330 Datasheet
1Mb / 36P
AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302 TI-AMC3302_V01 Datasheet
956Kb / 25P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302-Q1 TI-AMC3302-Q1 Datasheet
2Mb / 37P
AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3311-Q1 TI-AMC3311-Q1 Datasheet
1Mb / 27P
AMC3311-Q1 Automotive, Precision, ±1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
JUNE 2023
AMC3311-Q1 TI-AMC3311-Q1_V01 Datasheet
1Mb / 36P
AMC3311-Q1 Automotive, Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
AMC3311 TI-AMC3311 Datasheet
1Mb / 36P
AMC3311 Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com