Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 19 Page - Texas Instruments

Part # AMC3301
Description  AMC3301 Precision, ±250mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3301 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 15Page - Texas Instruments AMC3301 Datasheet HTML 16Page - Texas Instruments AMC3301 Datasheet HTML 17Page - Texas Instruments AMC3301 Datasheet HTML 18Page - Texas Instruments AMC3301 Datasheet HTML 19Page - Texas Instruments AMC3301 Datasheet HTML 20Page - Texas Instruments AMC3301 Datasheet HTML 21Page - Texas Instruments AMC3301 Datasheet HTML 22Page - Texas Instruments AMC3301 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
6.3.2 Data Isolation Channel Signal Transmission
The AMC3301 uses an on-off keying (OOK) modulation scheme, as shown in Figure 6-1, to transmit the
modulator output bitstream across the capacitive SiO2-based isolation barrier. The transmit driver (TX) shown
in the Functional Block Diagram transmits an internally generated, high-frequency carrier across the isolation
barrier to represent a digital one and does not send a signal to represent a digital zero. The nominal frequency of
the carrier used inside the AMC3301 is 480 MHz.
The receiver (RX) on the other side of the isolation barrier recovers and demodulates the signal and produces
the output. The AMC3301 transmission channel is optimized to achieve the highest level of common-mode
transient immunity (CMTI) and lowest level of radiated emissions caused by the high-frequency carrier and
RX/TX buffer switching.
Modulator Bitstream
on High-side
Internal Clock
Signal Across Isolation Barrier
Recovered Sigal
on Low-side
Figure 6-1. OOK-Based Modulation Scheme
www.ti.com
AMC3301
SBAS917C – AUGUST 2019 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: AMC3301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com