Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 20 Page - Texas Instruments

Part # AMC3301
Description  AMC3301 Precision, ±250mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3301 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 16Page - Texas Instruments AMC3301 Datasheet HTML 17Page - Texas Instruments AMC3301 Datasheet HTML 18Page - Texas Instruments AMC3301 Datasheet HTML 19Page - Texas Instruments AMC3301 Datasheet HTML 20Page - Texas Instruments AMC3301 Datasheet HTML 21Page - Texas Instruments AMC3301 Datasheet HTML 22Page - Texas Instruments AMC3301 Datasheet HTML 23Page - Texas Instruments AMC3301 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
6.3.3 Analog Output
The AMC3301 offers a differential analog output comprised of the OUTP and OUTN pins. For differential input
voltages (VINP – VINN) in the range from –250 mV to +250 mV, the device provides a linear response with a
nominal gain of 8.2. For example, for a differential input voltage of 250 mV, the differential output voltage (VOUTP
– VOUTN) is 2.05 V. At zero input (INP shorted to INN), both pins output the same common-mode output voltage
VCMout, as specified in the Electrical Characteristics table. For absolute differential input voltages greater than
250 mV but less than 320 mV, the differential output voltage continues to increase in magnitude but with reduced
linearity performance. The outputs saturate at a differential output voltage of VCLIPout as shown in Figure 6-2 if
the differential input voltage exceeds the VClipping value.
Linear input range (VFSR)
Maximum input range before clipping (VClipping)
320 mV
320 mV
250 mV
250 mV
0
VOUTP
VOUTN
Differential Input Voltage (VINP ± VINN)
VCMout
±
±
VCLIPout
VFAILSAFE
Figure 6-2. Output Behavior of the AMC3301
The AMC3301 provides a fail-safe output that simplifies diagnostics on system level. Figure 6-2 shows the
fail-safe mode, in which the AMC3301 outputs a negative differential output voltage that does not occur under
normal operating conditions. The fail-safe output is active in two cases:
• The low-side does not receive data from the high-side (for example, because of a loss of power on the high
side).
• The high-side DC/DC output voltage (DCDC_OUT) or the high-side LDO output voltage (HLDO_OUT) drop
below their respective undervoltage detection thresholds (brown-out).
Use the maximum VFAILSAFE voltage specified in the Electrical Characteristics table as a reference value for the
fail-safe detection on the system level.
AMC3301
SBAS917C – AUGUST 2019 – REVISED MAY 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC3301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com