Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC3301
Description  AMC3301 Precision, ±250mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3301 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 20Page - Texas Instruments AMC3301 Datasheet HTML 21Page - Texas Instruments AMC3301 Datasheet HTML 22Page - Texas Instruments AMC3301 Datasheet HTML 23Page - Texas Instruments AMC3301 Datasheet HTML 24Page - Texas Instruments AMC3301 Datasheet HTML 25Page - Texas Instruments AMC3301 Datasheet HTML 26Page - Texas Instruments AMC3301 Datasheet HTML 27Page - Texas Instruments AMC3301 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
7.2.2.3 Differential to Single-Ended Output Conversion
Figure 7-3 shows an example of a TLV6001 based signal conversion and filter circuit for systems using single-
ended-input ADCs to convert the analog output voltage into digital. With R1 = R2 = R3 = R4, the output voltage
equals (VOUTP – VOUTN) + VREF. Tailor the bandwidth of this filter stage to the bandwidth requirement of the
system. For most applications, R1 = R2 = R3 = R4 = 3.3 kΩ and C1 = C2 = 330 pF yields good performance.
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3301
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
+
±
R4
R3
R1
R2
VREF
ADC
GND
GND
To MCU
C1
C2
GND
TLV6001
Figure 7-3. Connecting the AMC3301 Output to a Single-Ended Input ADC
For more information on the general procedure to design the filtering and driving stages of successive-
approximation-register (SAR) ADCs, see the 18-Bit, 1MSPS Data Acquisition Block (DAQ) Optimized for Lowest
Distortion and Noise reference guide and 18-Bit Data Acquisition Block (DAQ) Optimized for Lowest Power
reference guide, available for download at www.ti.com.
7.2.3 Application Curve
In frequency inverter applications, the power switches must be protected in case of an overcurrent condition.
To allow for fast powering off of the system, a low delay caused by the isolated amplifier is required. Figure
7-4 shows the typical full-scale step response of the AMC3301. Consider the delay of the required window
comparator and the MCU to calculate the overall response time of the system.
VIN
VOUTP
VOUTN
Figure 7-4. Step Response of the AMC3301
AMC3301
SBAS917C – AUGUST 2019 – REVISED MAY 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC3301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com