Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 21 Page - Texas Instruments

Part # AMC3301
Description  AMC3301 Precision, ±250mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3301 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 17Page - Texas Instruments AMC3301 Datasheet HTML 18Page - Texas Instruments AMC3301 Datasheet HTML 19Page - Texas Instruments AMC3301 Datasheet HTML 20Page - Texas Instruments AMC3301 Datasheet HTML 21Page - Texas Instruments AMC3301 Datasheet HTML 22Page - Texas Instruments AMC3301 Datasheet HTML 23Page - Texas Instruments AMC3301 Datasheet HTML 24Page - Texas Instruments AMC3301 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
6.3.4 Isolated DC/DC Converter
The AMC3301 offers a fully integrated isolated DC/DC converter that includes the following components as
illustrated in the Functional Block Diagram:
• Low-dropout regulator (LDO) on the low-side to stabilize the supply voltage VDD that drives the low-side of
the converter. This circuit does not output a constant voltage and is not intended for driving any external load.
• Low-side full-bridge inverter and drivers
• Laminate-based, air-core transformer for high-immunity to magnetic fields
• High-side full-bridge rectifier
• High-side LDO to stabilize the output voltage of the DC/DC converter for high analog performance of the
signal path. The high-side LDO outputs a constant voltage and can provide a limited amount of current to
power external circuitry.
The DC/DC converter uses a spread-spectrum clock generation technique to reduce the spectral density of
the electromagnetic radiation. The resonator frequency is synchronized to the operation of the ΔΣ modulator to
minimize the interference with data transmission and support the high analog performance of the device.
The architecture of the DC/DC converter is optimized to drive the high-side circuitry of the AMC3301 and can
source up to IH of additional DC current for an optional auxiliary circuit such as an active filter, preamplifier, or
comparator. IH is specified in the Electrical Characteristics table as a DC, non-switching current.
6.3.5 Diagnostic Output
The open-drain DIAG pin can be monitored to confirm the device is operational and the output voltage is valid.
As shown in Figure 6-3, during power-up, the DIAG pin is actively held low until the high-side supply is in
regulation and the device operates properly. During normal operation, the DIAG pin is in high-impedance (Hi-Z)
state and is pulled high through an external pullup resistor. The DIAG pin is actively pulled low if:
• The low-side does not receive data from the high-side (for example, because of a loss of power on the high
side). In this case, the amplifier outputs are driven to the VFAILSAFE value that is shown in Figure 6-2.
• The high-side DC/DC output voltage (DCDC_OUT) or the high-side LDO output voltage (HLDO_OUT) drop
below their respective undervoltage detection thresholds (brown-out). In this case, the low-side may still
receive data from the high-side but the data may not be valid. The amplifier outputs are driven to the
VFAILSAFE value that is shown in Figure 6-2.
High-side supply undervoltage
DIAG
Power-up
Normal
Operation
Normal
Operation
Figure 6-3. DIAG Output Under Different Operating Conditions
During normal operation, the DIAG pin is in a high-impedance state. Connect the DIAG pin to a pullup resistor or
leave open if not used.
6.4 Device Functional Modes
The AMC3301 is operational when the power supply VDD is applied, as specified in the Recommended
Operating Conditions table.
www.ti.com
AMC3301
SBAS917C – AUGUST 2019 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC3301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com