Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 23 Page - Texas Instruments

Part # AMC3301
Description  AMC3301 Precision, ±250mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3301 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 19Page - Texas Instruments AMC3301 Datasheet HTML 20Page - Texas Instruments AMC3301 Datasheet HTML 21Page - Texas Instruments AMC3301 Datasheet HTML 22Page - Texas Instruments AMC3301 Datasheet HTML 23Page - Texas Instruments AMC3301 Datasheet HTML 24Page - Texas Instruments AMC3301 Datasheet HTML 25Page - Texas Instruments AMC3301 Datasheet HTML 26Page - Texas Instruments AMC3301 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
7.2.1 Design Requirements
Table 7-1 lists the parameters for this typical application.
Table 7-1. Design Requirements
PARAMETER
VALUE
Supply voltage
3.3 V or 5 V
Voltage drop across the shunt for a linear response (VSHUNT)
±250 mV (maximum)
7.2.2 Detailed Design Procedure
The AMC3301 requires a single 3.3-V or 5-V supply on its low-side. The high-side supply is internally generated
by an integrated DC/DC converter as explained in the Isolated DC/DC Converter section.
The ground reference (HGND) is derived from the terminal of the shunt resistor that is connected to the negative
input of the AMC3301 (INN). If a four-pin shunt is used, the inputs of the AMC3301 are connected to the inner
leads and HGND is connected to one of the outer shunt leads. To minimize offset and improve accuracy, set the
ground connection to a separate trace that connects directly to the shunt resistor rather than shorting HGND to
INN directly at the input to the device. See the Layout section for more details.
7.2.2.1 Shunt Resistor Sizing
Use Ohm's Law to calculate the voltage drop across the shunt resistor (VSHUNT) for the desired measured
current: VSHUNT = I × RSHUNT .
Consider the following two restrictions to choose the proper value of the shunt resistor, RSHUNT:
• The voltage drop caused by the nominal current range must not exceed the recommended differential input
voltage range: |VSHUNT| ≤ |VFSR|
• The voltage drop caused by the maximum allowed overcurrent must not exceed the input voltage that causes
a clipping output: |VSHUNT| ≤ |VClipping|
7.2.2.2 Input Filter Design
TI recommends placing an RC filter in front of the isolated amplifier to improve signal-to-noise performance of
the signal path. Design the input filter such that:
• The cutoff frequency of the filter is at least one order of magnitude lower than the sampling frequency
(20 MHz) of the ΔΣ modulator
• The input bias current does not generate significant voltage drop across the DC impedance of the input filter
• The impedances measured from the analog inputs are equal
For most applications, the structure shown in Figure 7-2 achieves excellent performance.
10 Ÿ
10 Ÿ
10 nF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3301
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
Figure 7-2. Differential Input Filter
www.ti.com
AMC3301
SBAS917C – AUGUST 2019 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AMC3301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com