Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 172 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 172 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 168Page - STMicroelectronics L9678P Datasheet HTML 169Page - STMicroelectronics L9678P Datasheet HTML 170Page - STMicroelectronics L9678P Datasheet HTML 171Page - STMicroelectronics L9678P Datasheet HTML 172Page - STMicroelectronics L9678P Datasheet HTML 173Page - STMicroelectronics L9678P Datasheet HTML 174Page - STMicroelectronics L9678P Datasheet HTML 175Page - STMicroelectronics L9678P Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 215 page
background image
Applications
L9678P, L9678P-S
172/216
DS11626 Rev 9
15.2
BOM (Bill Of Materials)
The following table summarizes the suggested BOM valid for both applications.
Table 13.Bill Of Materials
Component
Min.
Typ.
Max.
Unit
Requirement
Note
C1
-
100
-
nF
50 V
Input capacitor (unprotected battery)
C2
-
2.2
-
μF
50 V
Input capacitor (protected battery)
C3
-
2.2
15
μF
50 V
ER Boost input capacitor
C4
-
100
-
nF
50 V
ER Boost ceramic output capacitor
C5
-
100
-
μF
50 V
ER Boost electrolytic output capacitor
C6
-
10
-
nF
25 V
VBATMON capacitor
C7
-
100
-
nF
50 V
VDD5 input capacitor
C8
-
10
-
μF
35 V
VDD5 output capacitor
C9
-
10
-
μF
35 V
VDD3V3 output capacitor
C10
-
100
-
nF
50 V
CVDD output capacitor
C11
-
100
-
nF
50 V
VSUP input capacitor
C12
-
10
-
μF
35 V
VSUP output capacitor
C13, C14
-
3.3
-
nF
25 V
RSUx capacitor
C15
2.2
-
4.7
mF
35 V
ER capacitor
C16
-
10
-
nF
25 V
VSF capacitor (near device)
C17
-
10
-
nF
25 V
VSF capacitor (near Safing FET gate)
C18, C19
-
-
10
nF
25 V
SSxy capacitor
C20, C21,
C22, C23
13
22
455
nF
25 V
SFx capacitor
C24, C25,
C26, C27
13
22
455
nF
25 V
SRx capacitor
C28, C29,
C30, C31
-
22
-
nF
25 V
DCSx capacitor
D1
-
2
-
A
-
Reverse battery protection
D2
-
1
-
A
-
ER Boost diode
D3
-
1
-
A
-
WAKEUP diode
D4
-
1
-
A
-
ISO9141 pull-up diode
D5
-
12
-
V
-
Safing FET Zener diode
D6
-
-
250
mA
-
VSF diode (reverse protection)
D7, D8
-
1
-
A
-
SSxy diode
D9
-
15
-
V
-
WDT/TM Zener diode
L1
-
10
-
μH
1 A
ER Boost inductor
R1
-
0.43
-
Ω
1 W
Current limit resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com