Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 175 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 175 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 171Page - STMicroelectronics L9678P Datasheet HTML 172Page - STMicroelectronics L9678P Datasheet HTML 173Page - STMicroelectronics L9678P Datasheet HTML 174Page - STMicroelectronics L9678P Datasheet HTML 175Page - STMicroelectronics L9678P Datasheet HTML 176Page - STMicroelectronics L9678P Datasheet HTML 177Page - STMicroelectronics L9678P Datasheet HTML 178Page - STMicroelectronics L9678P Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 215 page
background image
DS11626 Rev 9
175/216
L9678P, L9678P-S
Electrical characteristics
214
16 ILKG_VBATMON_OFF
VBATMON input
leakage
Device OFF
-5
5
µA
17 ILKG_VBATMON_ON
Device ON
Design Info
20
24
30
µA
18 RPD_VBATMON
VBATMON pull-down
resistance
Device ON
VBATMON < 10V
Design Info
125
250
375
kΩ
19 ILKG_VBATMON_TOT
VBATMON total input
leakage
ILKG_VBATMON_ON + RPD_VBATMO
VBATMON = 18V
35
70
105
µA
20
VINGOOD1
VIN input voltage
thresholds
SYS_CTL(VIN_TH_SEL)=0
5
-
5.5
V
21
VINBAD1
SYS_CTL(VIN_TH_SEL)=0
4.5
-
5
V
22
VINGOOD2
SYS_CTL(VIN_TH_SEL)=1
7
-
7.5
V
23
VINBAD2
SYS_CTL(VIN_TH_SEL)=1
6.5
-
7
V
24
VINFASTSLOPE_H VINThresholds used to
change boost regulator
transition time
-
9.3
9.8
10.3
V
25
VINFASTSLOPE_L
-
9
9.5
10
V
26 VINFASTSLOPE_HYS
-
0.2
0.3
0.4
V
27
ILKG_VIN_OFF
VIN input leakage
Device OFF, VIN = 40V
-10
-
10
µA
28
ILKG_VIN_ON
Device ON, VIN = 12V
-
-
30
mA
29
CVIN
External VIN capacitor -
1
-
-
-
30
ILKG_VER_OFF
VER input leakage
Device OFF, VER = 40 V
-5
-
5
µA
31
ILKG_VER_ON_L
Device ON
ERBOOST > VER
-5
-
5
µA
32
ILKG_VER_ON_H
Device ON
ERBOOST < VER
-
-
200
µA
33 VWD_OVERRIDE_th WDT/TM threshold
-
10
12
14
V
34
VWDTDIS_HYST
WDT/TM hysteresis
-
0.2
0.4
0.5
V
35
IPD_WDTDIS
WDT/TM pull-down
Current
VWDTDIS ≤ 5 V
20
45
70
µA
36
ILKG_BAT
Battery line Input
Leakage
Total leakage at RT from VIN,
VBATMON, ERBSTSW, ERBOOST,
BVDD5, VDD5, VDDQ, BVSUP,
VSUP
VBAT = 12 V
Guaranteed by design
-
-
100
µA
37
Tj
Junction temperature
Design Info
-
-
150
°C
Table 14. Configuration and control DC specifications (continued)
N°
Symbol
Parameter
Condition
Min. Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com