Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P Datasheet(PDF) 173 Page - STMicroelectronics

Part # L9678P
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Datasheet(HTML) 173 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 169Page - STMicroelectronics L9678P Datasheet HTML 170Page - STMicroelectronics L9678P Datasheet HTML 171Page - STMicroelectronics L9678P Datasheet HTML 172Page - STMicroelectronics L9678P Datasheet HTML 173Page - STMicroelectronics L9678P Datasheet HTML 174Page - STMicroelectronics L9678P Datasheet HTML 175Page - STMicroelectronics L9678P Datasheet HTML 176Page - STMicroelectronics L9678P Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 215 page
background image
DS11626 Rev 9
173/216
L9678P, L9678P-S
Applications
214
R2
-
1
-
kΩ
100 mW
VBATMON current limit resistor
R3
-
3
-
kΩ
250 mW
VDD5 pull-up resistor
R4
-
1.5
-
kΩ
100 mW
VDD5 pull-down
R5
-
3
-
kΩ
250 mW
VSUP pull-up resistor
R6
-
2 x 221
Ω
2 x 500mW
Safing FET diagnostic resistors (two in
series suggested)
R7
-
1.5
kΩ
100 mW
Safing FET passive pull-up resistor
R8
-
22
kΩ
100 mW
External Safing FET enable resistor
R9
-
510
-
Ω
125 mW
ISO9141 pull-up resistor
R10
-
22
-
kΩ
100 mW
WDT/TM resistor
R11
-
2 x 110
-
Ω
2 x 500 mW
Safing FET diagnostic resistors (two in
series suggested)
R12, R13
-
4.7
-
kΩ
100 mW
Safing FET diagnostic resistor
R14
-
4.7
-
kΩ
100 mW
Safing FET diag enable resistor
R15
-
4.7
-
kΩ
100 mW
Safing FET diag enable pull-down resistor
Q1
-
1
-
A
-
VDD5 external pnp transistor
Q2
-
1
-
A
-
VSUP external pnp transistor
Q3
-
60
-
A
60 V
External Safing FET (N-channel)
Q4
-
-
-
-
-
WDT/TM switch, see Section 8.3
Q5
-
1
-
A
40 V
Safing FET diag enable switch
U1
-
-
-
-
PUMD15
External Safing FET enable
Table 13.Bill Of Materials (continued)
Component
Min.
Typ.
Max.
Unit
Requirement
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com