Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 135 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 131Page - STMicroelectronics L9680 Datasheet HTML 132Page - STMicroelectronics L9680 Datasheet HTML 133Page - STMicroelectronics L9680 Datasheet HTML 134Page - STMicroelectronics L9680 Datasheet HTML 135Page - STMicroelectronics L9680 Datasheet HTML 136Page - STMicroelectronics L9680 Datasheet HTML 137Page - STMicroelectronics L9680 Datasheet HTML 138Page - STMicroelectronics L9680 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 286 page
background image
DS11615 Rev 7
135/286
L9680
SPI interfaces
285
8200 (SAF_REQ_MASK_3)
8300 (SAF_REQ_MASK_4)
8400 (SAF_REQ_MASK_5)
8500 (SAF_REQ_MASK_6)
8600 (SAF_REQ_MASK_7)
8700 (SAF_REQ_MASK_8)
8800 (SAF_REQ_MASK_9)
8900 (SAF_REQ_MASK_10)
8A00 (SAF_REQ_MASK_11)
8B00 (SAF_REQ_MASK_12)
8C00 (SAF_REQ_MASK_13)
8D00 (SAF_REQ_MASK_14_pt1
8E00 (SAF_REQ_MASK_14_pt2)
8F00 (SAF_REQ_MASK_15_pt1)
9000 (SAF_REQ_MASK_15_pt2)
9100 (SAF_REQ_MASK_16_pt1)
9200 (SAF_REQ_MASK_16_pt2)
Write:
8000 (SAF_REQ_MASK_1)
8002 (SAF_REQ_MASK_2)
8004 (SAF_REQ_MASK_3)
8006 (SAF_REQ_MASK_4)
8008 (SAF_REQ_MASK_5)
800A (SAF_REQ_MASK_6)
800C (SAF_REQ_MASK_7)
800E (SAF_REQ_MASK_8)
8010 (SAF_REQ_MASK_9)
8012 (SAF_REQ_MASK_10)
8014 (SAF_REQ_MASK_11)
8016 (SAF_REQ_MASK_12)
8018 (SAF_REQ_MASK_13)
801A (SAF_REQ_MASK_14_pt1
801C (SAF_REQ_MASK_14_pt2)
801E (SAF_REQ_MASK_15_pt1)
8020 (SAF_REQ_MASK_15_pt2)
8022 (SAF_REQ_MASK_16_pt1)
8424 (SAF_REQ_MASK_16_pt2)
SAF_REQ_MASKx[15:0] $0000$0000$0000Safing Request Mask for safing record x - 16-bit request mask that is bit-
wise ANDed with MOSI data from SPI monitor
Updated by SSM_RESET or SPI write while in DIAG state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com