Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 137 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 133Page - STMicroelectronics L9680 Datasheet HTML 134Page - STMicroelectronics L9680 Datasheet HTML 135Page - STMicroelectronics L9680 Datasheet HTML 136Page - STMicroelectronics L9680 Datasheet HTML 137Page - STMicroelectronics L9680 Datasheet HTML 138Page - STMicroelectronics L9680 Datasheet HTML 139Page - STMicroelectronics L9680 Datasheet HTML 140Page - STMicroelectronics L9680 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 286 page
background image
DS11615 Rev 7
137/286
L9680
SPI interfaces
285
9500 (SAF_REQ_TARGET_3)
9600 (SAF_REQ_TARGET_4)
9700 (SAF_REQ_TARGET_5)
9800 (SAF_REQ_TARGET_6)
9900 (SAF_REQ_TARGET_7)
9A00 (SAF_REQ_TARGET_8)
9B00 (SAF_REQ_TARGET_9)
9C00 (SAF_REQ_TARGET_10)
9D00 (SAF_REQ_TARGET_11)
9E00 (SAF_REQ_TARGET_12)
9F00 (SAF_REQ_TARGET_13)
A000 (SAF_REQ_TARGET_14_pt1
A100 (SAF_REQ_TARGET_14_pt2)
A200 (SAF_REQ_TARGET_15_pt1)
A300 (SAF_REQ_TARGET_15_pt2)
A400 (SAF_REQ_TARGET_16_pt1)
A500 (SAF_REQ_TARGET_16_pt2)
Write:
8026 (SAF_REQ_TARGET_1)
8028 (SAF_REQ_TARGET_2)
802A (SAF_REQ_TARGET_3)
802C (SAF_REQ_TARGET_4)
802E (SAF_REQ_TARGET_5)
8030 (SAF_REQ_TARGET_6)
8032 (SAF_REQ_TARGET_7)
8034 (SAF_REQ_TARGET_8)
8036 (SAF_REQ_TARGET_9)
8038 (SAF_REQ_TARGET_10)
803A (SAF_REQ_TARGET_11)
803C (SAF_REQ_TARGET_12)
803E (SAF_REQ_TARGET_13)
8040 (SAF_REQ_TARGET_14_pt1
8042 (SAF_REQ_TARGET_14_pt2)
8044 (SAF_REQ_TARGET_15_pt1)
8246 (SAF_REQ_TARGET_15_pt2)
8048 (SAF_REQ_TARGET_16_pt1)
804A (SAF_REQ_TARGET_16_pt2)
SAF_REQ_TARGET[15:0 $0000$0000$0000Safing Request target for safing record x - 16-bit request target that is
compared to the bit-wise AND result of the SAF_REQ_MASKx and MOSI
data from SPI monitor
Updated by SSM_RESET or SPI write while in DIAG state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com