Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 164 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 164 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 160Page - STMicroelectronics L9680 Datasheet HTML 161Page - STMicroelectronics L9680 Datasheet HTML 162Page - STMicroelectronics L9680 Datasheet HTML 163Page - STMicroelectronics L9680 Datasheet HTML 164Page - STMicroelectronics L9680 Datasheet HTML 165Page - STMicroelectronics L9680 Datasheet HTML 166Page - STMicroelectronics L9680 Datasheet HTML 167Page - STMicroelectronics L9680 Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 286 page
background image
Deployment drivers
L9680
164/286
DS11615 Rev 7
The high level block diagram for the deployment drivers is shown below:
Figure 31. Deployment driver block
8.1.1
Deployment current selection
Deployment current is programmed for each channel using the Deploy Configuration
Register (DCRx) shown in Section 7.4.7.
The deploy time selection allows the device to deploy for a time up to 4.032 ms. Careful
considerations should be done in order to avoid damage on the squib/pyroswitch driver
section for excessive thermal heat. In order to prevent device damage, it is suggested to
avoid excessive voltage drop between SSxy and SFxy. In case the 1.75 A deployment
current level is selected, the voltage drop across the pins should be limited to maximum
17 V for deployment times longer than 0.7 ms and up to 2 ms and 15 V up to 3.2 ms. In
case 1.2 A is selected, the voltage drop should be limited to maximum 22 V for deployment
times longer than 2 ms and up to 3.2 ms.
8.1.2
Deploy command expiration timer
Deploy commands are received for all channels using SPI communications. Once a deploy
command is received, it will remain valid for a specified time period selected in the
Deployment configuration registers (DCR_x). The deploy status and deploy expiration timer
can be read through the Deployment status registers (DSR_x). The deploy expiration timer
is selectable via 2 bits and the maximum programmable time is 500 ms nominal.
SSxy
SFx
SRx
SGxy
22nF
22nF
Rsquib
-
+
LS_ON
+
-
HS_ON
To deploy
current >90%
counter
5%R
95%R
R/2000
(50m )
OP with switching
Offset compensation
IREF= 1mA
2000 x IREF
Open to short comp
R
Vclamp >35V
Same power
transistor
VINT3V3
Enable _HSx
EN_ISINK
OPphase
OPphase
LS_OC_Comp
GNDSUB1&2
Loss ground
diode
+
-
LS_Loss _Gnd
Ipulldown
Ilimit = 70mA typ
Enable _LSx
Passive
Switch -off
Active
Switch -off
Passive
Switch -off
Active
Switch -off
SSxy
VINT3V3
VINT3V3
GAPGPS02279



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com