Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 166 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 162Page - STMicroelectronics L9680 Datasheet HTML 163Page - STMicroelectronics L9680 Datasheet HTML 164Page - STMicroelectronics L9680 Datasheet HTML 165Page - STMicroelectronics L9680 Datasheet HTML 166Page - STMicroelectronics L9680 Datasheet HTML 167Page - STMicroelectronics L9680 Datasheet HTML 168Page - STMicroelectronics L9680 Datasheet HTML 169Page - STMicroelectronics L9680 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 286 page
background image
Deployment drivers
L9680
166/286
DS11615 Rev 7
to the Deploy command expiration timer. Likewise, a valid arming condition signal can be
set without receiving a Deploy Command. In this case, the enabling signals will remain
active according to the Arming Enable Pulse Stretch Timer or the ARMx enabling state. The
Arming Enable Pulse Stretch Timers is available in the AEPSTS register.
8.1.4
Deployment current monitoring
A current comparator is used to indicate when the output current from the HSD, SFx,
exceeds the deployment current threshold, ITHDEPL. The timer signal remains active and
increments while the current meets the programmed deploy current as set in the Deploy
Configuration Register. The deploy current counter value is stored in the Deploy Current
Monitor Timer Register XY (DCMTSxy). There is a unique timer register for each channel.
If the deploy current falls below the specified current threshold momentarily and recovers,
the deploy current counter will pause during the drop-out and continue once the current
exceeds the threshold. The deploy current counter will not be reset by the presence or
absence of current in the deployment channel.
Figure 33. Current monitor counter behavior
The deploy current counter is reset to $0000 as soon as a toggle on DEP_DISABLED is
performed and a new DEPCOM command on the same channel is received.
8.1.5
Deployment success
Deploy success flag is set when the deploy timer elapses. This bit (CHxDS) is contained in
the Deploy Status Register. Within the Global Status Word register (GSW), a single bit
(DEPOK) is also set once any of the 12 deployment channels sets a deploy success flag.
8.2
Energy reserve - deployment voltage
One deployment voltage source pin is used for adjacent channels (e.g. SS23 for channels 2
and 3). These pins are directly connected to the high-side drivers for each channel.
8.3
Deployment ground return
L9680 is hosted in a particular frame allowing squib/pyroswitch driver ground feedback to be
connected to an internal ground ring. This ring is electrically connected to the package
exposed pad and to the GNDSUB1 and GNDSUB2 pins. Connection to these two pins is
made by means of a strong metal layer, therefore this connection is sufficient for all
I(SFx)
ITHDEPL
Normal
operation
Timer continues from t1
Timer pause
t0
t1
t2
t3
GAPGPS02280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com