Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 169 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 165Page - STMicroelectronics L9680 Datasheet HTML 166Page - STMicroelectronics L9680 Datasheet HTML 167Page - STMicroelectronics L9680 Datasheet HTML 168Page - STMicroelectronics L9680 Datasheet HTML 169Page - STMicroelectronics L9680 Datasheet HTML 170Page - STMicroelectronics L9680 Datasheet HTML 171Page - STMicroelectronics L9680 Datasheet HTML 172Page - STMicroelectronics L9680 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 286 page
background image
DS11615 Rev 7
169/286
L9680
Deployment drivers
285
Figure 34. Deployment loop diagnostics
The leakage diagnostic includes short to battery, short to ground and shorts between loops.
The test is applied to each SFx and SRx pin so shorts can be detected regardless of the
resistance between the squib/pyroswitch pins.
8.5.1
Low level diagnostic approach
In this approach, each of the test steps described in the sections below requires user
intervention by issuing the proper SPI command.
High voltage leakage test for oxide isolation check
This test is mandatory to address possible leakages that could not be experienced at low
voltages on SFx or SRx pins. The Isource current generator (ISRC) is enabled on the chosen
SFx pin. To confirm that the SFx pin has then reached a suitable voltage level, a dedicated
ADC measurement on the SFx pin can be requested. Once this test is performed, a leakage
test on SFx and SRx pins can be issued to double check possible leakages.
Leakage to battery/ground diagnostics
Prior to the real test, the Voltage Regulator Current Monitor block (VRCM) has to be tested
and validated. The validation of VRCM goes into verifying both the short to battery and short
to ground flags.
The Isource current generator (ISRC) is first connected to SFx pin to raise its voltage to
SYNCBOOST. Then, the Voltage Regulator Current Monitor block (VRCM) is enabled and
SSxy
SFx
SRx
SGx
22nF
1nF
22nF
Ilimit =70mA
8/40 mA
+
-
Gain = 5.25
Voffset
+
-
A to D
10bit
Tot err = ±4LSB
LSB = 2.5/1024 V
HV analog MUX
Vref =2v5
Vref =2v5
Short to GND
Rleak >10K
no detection
Rleak <1K
detection
Short to BAT
Rleak >10K
no detection
Rleak <1K
detection
Squib resistor LOW
Squib resistor HIGH
VRCM (voltage regulator current monitor)
Squib resistance measure
(system error < 8%)
Rsquib
1 to 10
Vout
Vgnd or
VBat
RLeak
RLeak
EMI low pass
filter
Squib loop
driver and
diagnostic
blocks
xN
3v3 supply
SYNCBOOST
ISRC
VER pin
(from Energy Reserve )
Safing
transistor
SATBUCK
Vgnd or
VBat
Bypass
ISINK
Ipulldown
I=1mA
GNDA
ISRC_CURR_SEL
GAPGPS02280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com