Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 213 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 213 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 209Page - STMicroelectronics L9680 Datasheet HTML 210Page - STMicroelectronics L9680 Datasheet HTML 211Page - STMicroelectronics L9680 Datasheet HTML 212Page - STMicroelectronics L9680 Datasheet HTML 213Page - STMicroelectronics L9680 Datasheet HTML 214Page - STMicroelectronics L9680 Datasheet HTML 215Page - STMicroelectronics L9680 Datasheet HTML 216Page - STMicroelectronics L9680 Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 286 page
background image
DS11615 Rev 7
213/286
L9680
Safing logic
285
Figure 63. Pulse stretch timer example
The Arming Enable Pulse Stretch Timer status is available in the AEPSTS register.
12.6
Additional communication line
The ACL pin is the Additional Communication Line input that provides a means of safely
activating the arming outputs (ARMx and VSF) for disposal of restraints devices at the end
of vehicle life.
The handshake sequence for activating the Arming outputs is illustrated in Figure 64. The
strategy involves generation of a seed value from within the L9680 device using a free-
running 8-bit counter running at fSCRAP_SEED rate, where it can be read by the
microcontroller. The microcontroller uses it to generate an 8-bit key value. When the seed
value is read (SPI SCRAP_SEED command), L9680 also freezes the seed value and
computes its own key, which is used for comparison to the key subsequently submitted by
the microcontroller. The key value is submitted by the microcontroller using the
SCRAP_KEY command, and successful reception of this command with a key value
matching the internally calculated key allows the successful completion of the first
handshake. After that, in case a second handshake (seed-key) completes successfully and
if a valid ACL is detected (as described below) the L9680 transitions from Scrap state to
Arming state. To remain in Arming state the microcontroller must periodically refresh L9680
with the SCRAP_KEY command containing the correct key value in the data field of the
command, and L9680 must also receive the correct ACL signal. This must occur before the
scrap timeout timer expires (TSCRAP_TIMEOUT). The scrap key is derived from the seed
value using a simple logical inversion on the even-numbered bits (0, 2, 4, 6). From a logical
standpoint, this is equivalent to a bit-wise XOR of the seed value with 0x55.
While the SSM is in Arming state, the arming outputs are asserted (ARMx=1, VSF on). If the
periodic scrap key is incorrect, or not received before the timeout expires, or the ACL is not
correctly received, the SSM reverts back to the Scrap state, and the arming outputs are
deactivated.
GAPGPS01148
Arming Safing Logic
Processed result
Arming Enable
Pulse Stretch
Pulse Stretch Time
Less Than Pulse
Stretch Time
Pulse Stretch
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com