Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 217 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 217 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 213Page - STMicroelectronics L9680 Datasheet HTML 214Page - STMicroelectronics L9680 Datasheet HTML 215Page - STMicroelectronics L9680 Datasheet HTML 216Page - STMicroelectronics L9680 Datasheet HTML 217Page - STMicroelectronics L9680 Datasheet HTML 218Page - STMicroelectronics L9680 Datasheet HTML 219Page - STMicroelectronics L9680 Datasheet HTML 220Page - STMicroelectronics L9680 Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 286 page
background image
DS11615 Rev 7
217/286
L9680
General purpose output (GPO) drivers
285
PWM control is based on a 125Hz frequency. 6 bits of GPOCTRLx are reserved to this
mode, in order to control the drivers with 64 total levels from a 0% to a full 100% duty cycle.
When both GPO channels are used in PWM Mode at the same frequency they are
synchronized to provide parallel configuration capability.
PWM control is implemented through a careful slew rate control to mitigate EMC emissions
while operating the interface. The driver output structure is designed to stand -1V on its
terminals and a +1V reverse voltage across source and drain.
The GPO driver is protected against short circuits and thermal overload conditions. The
output driver contains diagnostics available in the GPO Fault Status Register (GPOFLTSR).
All faults except for thermal overload will be latched until the GPOFLTSR register is read.
Thermal overload faults will remain active after reading the GPOFLTSR register should the
temperature remain above the thermal fault condition. For current limit faults, the output
driver will operate in a linear mode (ILIM) until a thermal fault condition is detected.
Figure 68. GPO Over temperature logic
The device offers also an open load diagnostics while in ON state. The diagnostics is run
comparing the current through the output stage with a reference threshold IOpenLoad: should
the output current be lower than the threshold, the open detection flag is asserted.
The device is also able to detect a fault condition during the OFF state by means of the
Voltage Regulator Current Monitor (VRCM) block. During the OFF state the VRCM block
tries to force a voltage VOUT_GPOx_OL (2.5 V) on GPOD pin if LS mode is selected (with a
current limitation of ILIM_GPOD_SRC/SINK) or on GPOS pin if the HS mode is selected (with a
current limitation of ILIM_GPOS_SRC/SINK) and, at the same, it compares the current sourced
or sunk in order to detect if a fault on GPO pins is present. The diagnostic in OFF state is
able to detect the open load in both HS and LS modes, the short to ground fault in LS mode
and the short to battery fault in HS mode:
Table 16. Short to ground fault in LS mode
LS MODE
GPOxSHORT GPOxOFFOPN
Interpretation
IOFF > ISRC_TH
1
0
Short to ground
- ISINK_TH_LS < IOFF < ISRC_TH
0
1
Open
IOFF < - ISINK_TH_LS
0
0
Normal
SSM_RESET
SPI(RID=‘GPOFLTSR’)
GPOFLTSR(GPOxTEMP)
S
R
Over-temp Detect
S
R
SPI(GPOCTRLx[5:0]=000000)
SSM_RESET
GAPGPS02303



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com