Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 224 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 224 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 220Page - STMicroelectronics L9680 Datasheet HTML 221Page - STMicroelectronics L9680 Datasheet HTML 222Page - STMicroelectronics L9680 Datasheet HTML 223Page - STMicroelectronics L9680 Datasheet HTML 224Page - STMicroelectronics L9680 Datasheet HTML 225Page - STMicroelectronics L9680 Datasheet HTML 226Page - STMicroelectronics L9680 Datasheet HTML 227Page - STMicroelectronics L9680 Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 286 page
background image
System voltage diagnostics
L9680
224/286
DS11615 Rev 7
For measurements other than voltage (current, resistance, temperature etc.) the ranges are
specified in the electrical parameters section of the relevant block.
14.1
Analog to digital algorithmic converter
The device hosts an integrated 10-bit Analog to Digital converter, running at a clock
frequency of 16 MHz. The ADC output is processed by a D to D converter with the following
functions:
Use of trimming bits to recover additional gain error due to resistor dividers mismatch;
Digital low-pass filtering;
Conversion from 12 to 10 bits.
10 bits data are filtered inside the digital section. The number of samples that are filtered
vary depending on the chosen conversion. As per Section 7.4.2, the number of used
samples in converting DC sensor, squib/pyroswitch or temperature measurements defaults
to 8. The number of samples for all other measurements defaults to 4. The sample number
can be configured by accessing the SYS_CFG register. After low pass filter, the residual
total error is ±4 LSB. This error figure applies to the case of a ideal reference voltage: the
spread of reference voltage causes a proportional error in the conversion output. The
reference voltage of the ADC is set to 2.5 V.
The conversion time is comprised of several factors: the number of measurements loaded
into the queue, the number of samples taken for any one measurement, and the various
settling times. An example of conversion time calculation for a full ADC request queue is
reported in Figure 70. The timings reported in Figure 70 are nominal ones, min/max values
can be obtained by considering the internal oscillator frequency variation reported in the DC
characteristics section.
VBATMON
X
WAKEUP
X
SATBUCK
X
WDT/TM
X
RSUx
X
VCC
X
CVDD
X
VINT
X
VCOREMON
X
Bandgap (BGR/BGM)
X
Table 19. Diagnostics divider ratios (continued)
Measurements
Divider Ratio
15:1
10:1
7:1
4:1
1:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com